Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT17 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAT17
Description  Silicon Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT17 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAT17 Datasheet HTML 1Page - Infineon Technologies AG BAT17 Datasheet HTML 2Page - Infineon Technologies AG BAT17 Datasheet HTML 3Page - Infineon Technologies AG BAT17 Datasheet HTML 4Page - Infineon Technologies AG BAT17 Datasheet HTML 5Page - Infineon Technologies AG BAT17 Datasheet HTML 6Page - Infineon Technologies AG BAT17 Datasheet HTML 7Page - Infineon Technologies AG BAT17 Datasheet HTML 8Page - Infineon Technologies AG BAT17 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2011-06-15
4
BAT17...
Diode capacitance CT = ƒ (VR)
f = 1MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VR
0.1
0.2
0.3
0.4
pF
0.6
Forward resistance rf = ƒ (IF)
f = 10kHz
10
EHD07109
r
f
F
Ι
-1
0
10
1
10
2
10
mA
0
10
10
3
10
1
10
2
Reverse current IR = ƒ(VR)
TA = Parameter
0.0
V
10
EHD07107
Ι
R
R
V
-3
-2
10
-1
10
0
10
1
10
2
10
A
1.0
2.0
3.0
4.0
T
A=150 ˚C
˚C
85
25
µ
˚C
Forward current IF = ƒ (VF)
TA = Parameter
0.0
10
EHD07106
Ι
F
F
V
-2
-1
10
0
10
1
10
10
2
mA
-40 ˚C
0.1
0.2
0.3
0.4
0.5 V 0.6
T
A =
25
150
85
˚C
˚C
˚C


Similar Part No. - BAT17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT17 PHILIPS-BAT17 Datasheet
47Kb / 8P
   Schottky barrier diode
1999 May 26
logo
Nexperia B.V. All right...
BAT17 NEXPERIA-BAT17 Datasheet
332Kb / 8P
   Schottky barrier diode
2003 Mar 25
logo
Siemens Semiconductor G...
BAT17 SIEMENS-BAT17 Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT17 INFINEON-BAT17 Datasheet
450Kb / 5P
   Silicon Schottky Diode
Feb-03-2003
More results

Similar Description - BAT17

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com