Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S10M-40MT5_E Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S10M-40MT5_E
Description  STRAIGHT PLUG PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S10M-40MT5_E Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S10M-40MT5_E Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S10M-40MT5_E Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S10M-40MT5_E Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FAKRA -
HF
STRAIGHT PLUG PCB
59S10M-40MT5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 6 GHz
Return loss
≥ 26 dB, DC to 1 GHz
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1x103 MΩ
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage
750 V rms
Working voltage
335 V rms
Power current
≤ 1 A DC
- Connector only, VSWR in application depends decisive on PCB layout -
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 25 N
Disengagement force
2 N
Retention force latch
≥ 110 N
Coding efficiency
≥ 40 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
Soldering profile
acc. IEC 60068-2-58 group 3&4
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Packing
Standard
180 pcs in blistertray / 135 pcs in tape&reel
Weight
2.9 g/pce


Similar Part No. - 59S10M-40MT5_E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S101-400L5 ROSENBERGER-59S101-400L5 Datasheet
40Kb / 2P
   SMB STRAIGHT PLUG PCB
59S101-S00L5 ROSENBERGER-59S101-S00L5 Datasheet
37Kb / 2P
   SMB ADAPTOR
59S102-102L5 ROSENBERGER-59S102-102L5 Datasheet
39Kb / 2P
   SMB STRAIGHT PLUG
59S10H-400T5-A ROSENBERGER-59S10H-400T5-A Datasheet
922Kb / 4P
   FAKRA - HF STRAIGHT PLUG PCB
59S10H-400T5-B ROSENBERGER-59S10H-400T5-B Datasheet
922Kb / 4P
   FAKRA - HF STRAIGHT PLUG PCB
More results

Similar Description - 59S10M-40MT5_E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
99S10D-40MA5-Y ROSENBERGER-99S10D-40MA5-Y Datasheet
381Kb / 3P
   STRAIGHT PLUG PCB
17S14D-400L5 ROSENBERGER-17S14D-400L5 Datasheet
191Kb / 2P
   Straight Plug PCB
D4S10E-40MA5-Y ROSENBERGER-D4S10E-40MA5-Y Datasheet
230Kb / 3P
   STRAIGHT PLUG PCB
45S106-400L5 ROSENBERGER-45S106-400L5 Datasheet
42Kb / 2P
   STRAIGHT PLUG PCB
D4S10A-40ML5 ROSENBERGER-D4S10A-40ML5 Datasheet
168Kb / 2P
   STRAIGHT PLUG FOR PCB
D4S10A-400L5-Y ROSENBERGER-D4S10A-400L5-Y Datasheet
436Kb / 3P
   STRAIGHT PLUG FOR PCB
39S101-400L5 ROSENBERGER-39S101-400L5 Datasheet
40Kb / 2P
   SMC STRAIGHT PLUG PCB
59S101-400L5 ROSENBERGER-59S101-400L5 Datasheet
40Kb / 2P
   SMB STRAIGHT PLUG PCB
D4S12H-40MA5-Y ROSENBERGER-D4S12H-40MA5-Y Datasheet
411Kb / 3P
   STRAIGHT PLUG FOR PCB
D4S10P-40MA5-Y ROSENBERGER-D4S10P-40MA5-Y Datasheet
756Kb / 3P
   STRAIGHT PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com