Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64-05W Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BAR64-05W
Description  Silicon PIN Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-05W Datasheet(HTML) 5 Page - Infineon Technologies AG

  BAR64-05W Datasheet HTML 1Page - Infineon Technologies AG BAR64-05W Datasheet HTML 2Page - Infineon Technologies AG BAR64-05W Datasheet HTML 3Page - Infineon Technologies AG BAR64-05W Datasheet HTML 4Page - Infineon Technologies AG BAR64-05W Datasheet HTML 5Page - Infineon Technologies AG BAR64-05W Datasheet HTML 6Page - Infineon Technologies AG BAR64-05W Datasheet HTML 7Page - Infineon Technologies AG BAR64-05W Datasheet HTML 8Page - Infineon Technologies AG BAR64-05W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2013-06-10
5
BAR64...
Intermodulation intercept point
IP3 = ƒ (IF); f = Parameter
10
-1
10
0
10
1
mA
IF
1
10
2
10
dBm
f=1800MHz
f=900MHz
Forward current IF = ƒ (TS)
BAR64-02EL
0
30
60
90
120
°C
165
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
Forward current IF = ƒ (TS)
BAR64-02V
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
Forward current IF = ƒ (TS)
BAR64-04, BAR64-05, BAR64-06
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120


Similar Part No. - BAR64-05W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-05W SIEMENS-BAR64-05W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-05W INFINEON-BAR64-05W Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
BAR64-05W INFINEON-BAR64-05W Datasheet
269Kb / 16P
   Silicon PIN Diode
2007-12-11
BAR64-05W INFINEON-BAR64-05W Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
BAR64-05W INFINEON-BAR64-05W Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
More results

Similar Description - BAR64-05W

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com