Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAR64-04 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part No. BAR64-04
Description  Silicon PIN Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-04 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BAR64-04 Datasheet HTML 7Page - Infineon Technologies AG BAR64-04 Datasheet HTML 8Page - Infineon Technologies AG BAR64-04 Datasheet HTML 9Page - Infineon Technologies AG BAR64-04 Datasheet HTML 10Page - Infineon Technologies AG BAR64-04 Datasheet HTML 11Page - Infineon Technologies AG BAR64-04 Datasheet HTML 12Page - Infineon Technologies AG BAR64-04 Datasheet HTML 13Page - Infineon Technologies AG BAR64-04 Datasheet HTML 14Page - Infineon Technologies AG BAR64-04 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2013-06-10
13
BAR64...
Package SOT323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
0.1 MAX.
0.15
+0.1
-0.05
0.3
+0.1
±0.1
0.9
12
3
A
±0.2
2
-0.05
0.65
0.65
M
3x
0.1
0.1
M
0.2
A
0.2
4
2.15
1.1
Pin 1
Pin 1
2005, June
Date code (YM)
BCR108W
Type code
0.6
0.65
0.65
Manufacturer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn