Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAR64-04 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. BAR64-04
Description  Silicon PIN Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-04 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAR64-04 Datasheet HTML 1Page - Infineon Technologies AG BAR64-04 Datasheet HTML 2Page - Infineon Technologies AG BAR64-04 Datasheet HTML 3Page - Infineon Technologies AG BAR64-04 Datasheet HTML 4Page - Infineon Technologies AG BAR64-04 Datasheet HTML 5Page - Infineon Technologies AG BAR64-04 Datasheet HTML 6Page - Infineon Technologies AG BAR64-04 Datasheet HTML 7Page - Infineon Technologies AG BAR64-04 Datasheet HTML 8Page - Infineon Technologies AG BAR64-04 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2013-06-10
4
BAR64...
Diode capacitance CT = ƒ (VR)
f = Parameter
0
2
4
6
8
10
12
14
16
V
20
VR
0.1
0.2
0.3
0.4
0.5
pF
0.7
1 MHz
100 MHz
1 GHz
1.8 GHz
Reverse parallel resistance RP = ƒ(VR)
f = Parameter
0
5
10
15
20
25
30
V
40
VR
-1
10
0
10
1
10
2
10
3
10
4
10
KOhm
100 MHz
1 GHz
1.8 GHz
Forward resistance rf = ƒ (IF)
f = 100MHz
10
-2
10
-1
10
0
10
1
10
2
mA
IF
-1
10
0
10
1
10
2
10
3
10
Ohm
Forward current IF = ƒ (VF)
TA = Parameter
0
0.2
0.4
0.6
0.8
V
1.2
VF
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
A
-40 °C
25 °C
85 °C
125 °C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn