Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAR64-02EL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. BAR64-02EL
Description  Silicon PIN Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-02EL Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BAR64-02EL Datasheet HTML 2Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 3Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 4Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 5Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 6Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 7Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 8Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 9Page - Infineon Technologies AG BAR64-02EL Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2013-06-10
6
BAR64...
Forward current IF = ƒ (TS)
BAR64-04W, BAR64-05W, BAR64-06W
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
Permissible Puls Load RthJS = ƒ (tp)
BAR64-02EL
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAR64-02EL
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn