Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR-64-05-E6327 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAR-64-05-E6327
Description  Silicon PIN Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR-64-05-E6327 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAR-64-05-E6327 Datasheet HTML 1Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 2Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 3Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 4Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 5Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 6Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 7Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 8Page - Infineon Technologies AG BAR-64-05-E6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2013-06-10
3
BAR64...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 20 V, f = 1 MHz
VR = 0 V, f = 100 MHz
VR = 0 V, f = 1...1.8 GHz, BAR64-02EL
VR = 0 V, f = 1...1.8 GHz, all other
CT
-
-
-
-
0.23
0.3
0.13
0.17
0.35
-
-
-
pF
Reverse parallel resistance
VR = 0 V, f = 100 MHz
VR = 0 V, f = 1 GHz
VR = 0 V, f = 1.8 GHz
RP
-
-
-
10
4
3
-
-
-
k
Forward resistance
IF = 1 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
IF = 100 mA, f = 100 MHz
rf
-
-
-
12.5
2.1
0.85
20
2.8
1.35
Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3 mA,
RL = 100
τ rr
-
1550
-
ns
I-region width
WI
-
50
-
µm
Insertion loss1)
IF = 3 mA, f = 1.8 GHz
IF = 5 mA, f = 1.8 GHz
IF = 10 mA, f = 1.8 GHz
IL
-
-
-
0.32
0.23
0.16
-
-
-
dB
Isolation1)
VR = 0 V, f = 0.9 GHz
VR = 0 V, f = 1.8 GHz
VR = 0 V, f = 2.45 GHz
VR = 0 V, f = 5.6 GHz
ISO
-
-
-
-
22
17
14.5
8.5
-
-
-
-
1BAR64-02EL in series configuration, Z = 50 Ω


Similar Part No. - BAR-64-05-E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR-64-06-E6327 INFINEON-BAR-64-06-E6327 Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
More results

Similar Description - BAR-64-05-E6327

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com