Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S2UL-40MT5-F Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S2UL-40MT5-F
Description  RIGHT ANGLE PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S2UL-40MT5-F Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S2UL-40MT5-F Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2UL-40MT5-F Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2UL-40MT5-F Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
FAKRA-HF
RIGHT ANGLE PLUG
FOR PCB
59S2UL-40MT5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
f(GHz)
Electrical data
Impedance
50
Frequency
DC to 6 GHz
Return loss
≥ 27 dB, DC to 1 GHz
≥ 20 dB, 1 to 3 GHz
≥ 17 dB, 3 to 6 GHz
Insertion loss
≤ 0.1 x
dB
Insulation resistance
≥ 1 x103 MΩ
Center contact resistance
≤ 5 mΩ
Outer contact resistance
≤ 5 mΩ
Test voltage (at sea level)
750 V rms
Working voltage (at sea level)
335 V rms
Power current
≤ 1 A DC
- Connector only, VSWR in application depends decisive on PCB layout -
Mechanical data
Mating cycles
≥ 25
Engagement force
≤ 25 N
Disengagement force
2 N
Retention force plastic housing
≥ 110 N
Coding efficiency
≥ 40 N
Mechanical Pull Test and Sideload Test
SAE-USCAR-17 clause 4.2.1.
Environmental data
Temperature range
-40°C to 105°C
Thermal shock
ISO 20860-2 clause 9.2
Temperature and humidity
ISO 20860-2 clause 9.3
Vibration and mechanical shock
ISO 20860-2 clause 9.1
Dry heat
ISO 20860-2 clause 9.4
Soldering profile
acc. IEC 60068-2-58, group 3 (250°C/30s)
RoHS
compliant
Packing
Standard
250 pcs in tape & reel
Weight
3.5 g/pc


Similar Part No. - 59S2UL-40MT5-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S2UQ-40MT5-A ROSENBERGER-59S2UQ-40MT5-A_1 Datasheet
709Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2UQ-40MT5-B ROSENBERGER-59S2UQ-40MT5-B_1 Datasheet
709Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2UQ-40MT5-C ROSENBERGER-59S2UQ-40MT5-C_1 Datasheet
709Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2UQ-40MT5-D ROSENBERGER-59S2UQ-40MT5-D_1 Datasheet
709Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2UQ-40MT5-E ROSENBERGER-59S2UQ-40MT5-E_1 Datasheet
709Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
More results

Similar Description - 59S2UL-40MT5-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S2UG-400A5-Y ROSENBERGER-D4S2UG-400A5-Y Datasheet
139Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-400A5-Y ROSENBERGER-D4S2UY-400A5-Y Datasheet
726Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20L-40MA5-Y ROSENBERGER-D4S20L-40MA5-Y Datasheet
140Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-Y ROSENBERGER-59S2MB-40MT5-Y Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S22B-40MT5-Y ROSENBERGER-59S22B-40MT5-Y Datasheet
624Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S24D-400A5-Y ROSENBERGER-D4S24D-400A5-Y Datasheet
290Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20Y-400A5-Y ROSENBERGER-D4S20Y-400A5-Y Datasheet
163Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40MA5-Y ROSENBERGER-D4S2UY-40MA5-Y Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-Y ROSENBERGER-D4S20G-400A5-Y Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2PL-40MT5-Y ROSENBERGER-59S2PL-40MT5-Y Datasheet
964Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-Y ROSENBERGER-59S2LL-40MT5-Y Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com