Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59S2LQ-40MT5-E Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59S2LQ-40MT5-E
Description  RIGHT ANGLE PLUG PCB WITH HOUSING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59S2LQ-40MT5-E Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59S2LQ-40MT5-E_1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2LQ-40MT5-E_1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59S2LQ-40MT5-E_1 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
FAKRA-HF
RIGHT ANGLE PLUG
PCB WITH HOUSING
59S2LQ-40MT5-Y_1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
ISO 20860-1
Documents
PCB layout
MB_355; MB_172
Tape & reel packaging
VG273.56000
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
Zinc alloy
Tin, 2-5 µm, over Nickel 1-5µm
Dielectric
HTN
Housing
HTN


Similar Part No. - 59S2LQ-40MT5-E_1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S2LL-40MT5-A ROSENBERGER-59S2LL-40MT5-A Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-B ROSENBERGER-59S2LL-40MT5-B Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-C ROSENBERGER-59S2LL-40MT5-C Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-D ROSENBERGER-59S2LL-40MT5-D Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-E ROSENBERGER-59S2LL-40MT5-E Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results

Similar Description - 59S2LQ-40MT5-E_1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S2UQ-40MT5-Y ROSENBERGER-59S2UQ-40MT5-Y_1 Datasheet
709Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S20X-400T5-Y ROSENBERGER-59S20X-400T5-Y Datasheet
421Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2AQ-40MT5-Y ROSENBERGER-59S2AQ-40MT5-Y_1 Datasheet
697Kb / 4P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S2RQ-40MT5-Y ROSENBERGER-59S2RQ-40MT5-Y_1 Datasheet
895Kb / 3P
   RIGHT ANGLE PLUG PCB WITH HOUSING
59S212-400L5 ROSENBERGER-59S212-400L5 Datasheet
41Kb / 2P
   RIGHT ANGLE PLUG PCB
99S20D-40MA5-Y ROSENBERGER-99S20D-40MA5-Y Datasheet
235Kb / 3P
   RIGHT ANGLE PLUG PCB
59S225-400L5 ROSENBERGER-59S225-400L5 Datasheet
62Kb / 2P
   RIGHT ANGLE PLUG PCB
99S20I-40MA5-Y ROSENBERGER-99S20I-40MA5-Y Datasheet
246Kb / 3P
   RIGHT ANGLE PLUG PCB
45S201-400L5 ROSENBERGER-45S201-400L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG PCB
19S201-400L5 ROSENBERGER-19S201-400L5 Datasheet
224Kb / 2P
   RIGHT ANGLE PLUG PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com