Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XO7080 Datasheet(PDF) 1 Page - MTRONPTI

Part # XO7080
Description  MtronPTI XO7080 Pure Sine Output SMT VCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO7080 Datasheet(HTML) 1 Page - MTRONPTI

  XO7080_16 Datasheet HTML 1Page - MTRONPTI XO7080_16 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MtronPTI XO7080 Pure Sine Output SMT VCXO
P/N: XO7080-xxx
Features:
Pure Sine-Output VCXO
Low Height: 0.155’ max
Low-g: < 0.3ppb/g worst case axis option available
Compatible with automated assembly processes; including post reflow aqueous and non-aqueous cleaning
Applications:
Avionics
SatCom
Cyber security and communication systems
Electrical Specifications for Representative 125MHz VCXO:
Unless otherwise specified; T= +25°C, VS = +5VDC, VC = +2.5VDC, Load= 50Ω
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Nominal Frequency
FO
10
300
MHz
Frequency Stabilities
vs. Temperature Range
-20
+20
ppm
-40°C to +85°C
vs. Supply Voltage
-0.5
+0.5
ppm
±5% change in voltage
vs. Load
-0.5
+0.5
ppm
±5% change in load
Aging 1st Year
-1.0
+1.0
ppm
RF Output
Output Type
Sinewave
Output Load
50
Ω
±10%
Level
-3
0
+3
dBm
In a 50Ω load
Frequency Adjustment
Method
External Voltage Tuned
Tuning Slope
Negative
Tuning Voltage
VTUNE
0
+5
VDC
Tuning Range
-25
+25
ppm
Modulation Bandwidth
3
kHz
Input Impedance
10
KΩ
Other Parameters
SSB Phase Noise Under Static
Conditions
-70
@ 10Hz Offset
-97
@ 100Hz Offset
-127
@ 1kHz Offset
-150
@ 10kHz Offset
-150
@ 100kHz Offset
G-Sensitivity
0.5
ppb/g
Worst case axis
Warm-up Time
ΔF/F
5
Minutes
To be within ±100ppb, @ 25˚C,
referenced to the frequency
after 24-hour power on
Harmonics
-20
dBc
Spurious
-90
dBc
Supply Voltage & Power Consumption
Supply Voltage
VS
4.75
5.0
5.25
VDC
Current Draw
3
mA
Environmental Conditions:
Operating Temperature
OT
-40
+85
°
C
Non-Operating Temperature
-55
+105
°
C
1 of 2
The information contained herein is proprietary to MtronPTI and is submitted in confidence.
This information may not be copied or divulged without written permission from MtronPTI.


Similar Part No. - XO7080_16

ManufacturerPart #DatasheetDescription
MTRONPTI
MTRONPTI
XO7080-008 MTRONPTI-XO7080-008 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - XO7080_16

ManufacturerPart #DatasheetDescription
Nel Frequency Controls,inc
Nel Frequency Controls,...
AB-A3A1XX NEL-AB-A3A1XX Datasheet
139Kb / 3P
   SINE-WAVE UHF VCXO
List of Unclassifed Manufacturers
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
   500VA Pure Sine Wave Inverter
Advanced XTAL Products
Advanced XTAL Products
AXIS15LN AXTAL-AXIS15LN Datasheet
105Kb / 4P
   Low Phase Noise SMD VCXO with Sine Wave Output
Wolfgang Knap
Wolfgang Knap
VAA-WK WK-VAA-WK Datasheet
39Kb / 1P
   5x7mm SMT VCXO
QUARTZCOM the communications company
QUARTZCOM the communica...
VXO-SW-S-8P QUARTZCOM-VXO-SW-S-8P Datasheet
103Kb / 1P
   SMD VCXO Sine wave Output frequency up to 1 GHz
VXO-SK-S-4P QUARTZCOM-VXO-SK-S-4P Datasheet
106Kb / 1P
   SMD VCXO Sine wave Output frequency up to 400 MHz
Nova Electric. All Rights Reserved.
Nova Electric. All Righ...
GH5060-240 NOVA-GH5060-240 Datasheet
231Kb / 2P
   Pure Sinewave Output
Golledge Electronics Ltd
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
   OCXO Sine Output
HCD170 GOLLEDGE-HCD170 Datasheet
49Kb / 1P
   OCXO Sine Output
HCD210 GOLLEDGE-HCD210 Datasheet
65Kb / 1P
   OCXO Sine Output
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com