Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-MLF48A-A-02 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SF-MLF48A-A-02
Description  Materials and specifications are subject to change without notice.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-MLF48A-A-02 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SF-MLF48A-A-02 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
8
9
10
11 12
13 14
15
16
17
18 19
20
21
22
23
24
25
26
27 28
29 30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
0.83mm [0.033"]
7.25mm [0.286"]
0.83mm
[0.033"]
7.25mm
[0.286"]
3.30mm
[0.130"]
1
48
0.80mm typ.
4.39mm [0.173"]
6.24mm [0.246"]
7.00mm
[0.276"]
0.50mm typ.
Description: 48 position MLF surface mount foot
48 position (+1 Gnd index pin). 0.8mm pitch UGA female receptacles (top) to 48 position, 0.5mm MLF pattern
Status: Released
Drawing: H. Hansen
Scale: 8:1
Rev: B
Date: 6/11/04
Modified: 9/28/04
File: SF-MLF48A-A-02 Dwg
SF-MLF48A-A-02 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
Top View
Side View
Substrate: 0.79mm ±0.18mm [0.031" ±0.007"]
FR4/G10 or equivalent high temp material. Non-clad.
1
2
Pins: shell material- Brass Alloy 360 1/2 hard;
finish- 0.25µm [10µ"] Au over 1.27µm [50µ"] Ni
(min.). Contact material- BeCu; finish 0.25µm
[10µ"] Au over 2.54µm [100µ"] Ni (min. ).
3
3
Gnd/index
pin
Bottom View
1
2
Substrate: 1.59mm ±0.18mm [0.062" ±0.007"]
FR4/G10 or equivalent high temp material. Non-clad.


Similar Part No. - SF-MLF48A-A-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-MLF44B-A-02 IRONWOOD-SF-MLF44B-A-02 Datasheet
33Kb / 1P
   Materials and specifications are subject to change without notice.
More results

Similar Description - SF-MLF48A-A-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com