Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1033 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part No. DS1033
Description  3-in-1 Low Voltage Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1033 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1033 Datasheet HTML 1Page - Dallas Semiconductor DS1033 Datasheet HTML 2Page - Dallas Semiconductor DS1033 Datasheet HTML 3Page - Dallas Semiconductor DS1033 Datasheet HTML 4Page - Dallas Semiconductor DS1033 Datasheet HTML 5Page - Dallas Semiconductor DS1033 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1033
4 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +6.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(TA =0°C to 70°C)
PARAMETER
SYMBOL
TEST
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.7
3.3
3.6
V
Active Current
ICC
VCC=3.6V
Period=1
µs
25
mA
High Level Input Voltage
VIH
2.0
VCC
+0.5
V
Low Level Input Voltage
VIL
-0.5
0.8
V
Input Leakage
IL
0V
≤V
I
≤V
CC
-1.0
1.0
µA
High Level Output Current
IOH
VCC=2.7V
VOH=2V
-1.0
mA
Low Level Output Current
IOL
VCC=2.7V
VOL=0.4V
8mA
AC ELECTRICAL CHARACTERISTICS
(TA =+25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Period
tPERIOD
2 (tWI)ns
2
Input Pulse Width
tWI
100% of
Tap Delay
ns
2
Input-to-Tap Output Delay
tPLH, tPHL
Table 1
ns
Output Rise or Fall Time
tOR, tOF
2.0
3.0
2.5
3.5
ns
ns
3
4
Power-up Time
tPU
100
ms
CAPACITANCE
(TA =+25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
10
pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1033 3-in-1 Low Voltage Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
S473-0005-A3 TRIPLE LINE LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES 1  Bel Fuse Inc.
DS1013 3-in-1 Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1035 3-in-1 High.Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1135 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
MXD1013 3-in-1 Silicon Delay Line 1  2  3  4  5  More Maxim Integrated Products
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1013 3-in-1 Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
S477-0005-A3 TRIPLE LINE LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES 1  Bel Fuse Inc.
BBY51-07 Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn