Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1033 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part No. DS1033
Description  3-in-1 Low Voltage Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1033 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1033 Datasheet HTML 1Page - Dallas Semiconductor DS1033 Datasheet HTML 2Page - Dallas Semiconductor DS1033 Datasheet HTML 3Page - Dallas Semiconductor DS1033 Datasheet HTML 4Page - Dallas Semiconductor DS1033 Datasheet HTML 5Page - Dallas Semiconductor DS1033 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
111799
FEATURES
All-silicon timing circuit
Three independent buffered delays
Initial delay tolerance
±1.5 ns
Stable and precise over temperature and
voltage
Leading and trailing edge precision preserves
the input symmetry
Standard 8-pin DIP, 8-pin SOIC
Vapor phasing, IR and wave solderable
Available in Tape and Reel
PIN ASSIGNMENT
PIN DESCRIPTION
IN1-IN3
- Input Signals
OUT1-OUT3
- Output Signals
NC
- No Connection
VCC
- Supply Voltage
GND
- Ground
(Sub)
- Internal substrate
connection, do not make
any external connections
to these pins
DESCRIPTION
The DS1033 series is a low-power +3.3 Volt version of the DS1035. It is characterized for operation
over the range of 2.7V to 3.6V.
The DS1033 series of delay lines have three independent logic buffered delays in a single package. It is
available in a standard 8-pin DIP, 150-mil 8-pin mini-SOIC.
The device features precise leading and trailing edge accuracies. It has the inherent reliability of an all-
silicon delay line solution. The DS1033’s nominal tolerance is
±1.5 ns and an additional tolerance over
temperature and voltage of
±1.0 ns for the faster delays. Detailed specifications are shown in Table 1.
Standard delay values are indicated in Table 1. Customers may contact Dallas Semiconductor at (972)
371-4348 for further information.
DS1033
3-in-1 Low Voltage Silicon Delay Line
www.dalsemi.com
DS1033Z 8-Pin SOIC (150-mil)
See Mech. Drawings Section
IN1
IN2
IN3
GND
VCC
OUT3
OUT1
OUT2
1
2
3
4
8
7
6
5
DS1033M 8-Pin DIP
See Mech. Drawings Section
VCC
OUT3
OUT1
OUT2
IN1
IN2
IN3
GND
1
2
3
4
8
7
6
5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS1033 3-in-1 Low Voltage Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
S473-0005-A3 TRIPLE LINE LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES 1  Bel Fuse Inc.
DS1013 3-in-1 Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1035 3-in-1 High.Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1135 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
MXD1013 3-in-1 Silicon Delay Line 1  2  3  4  5  More Maxim Integrated Products
DS1135L 3V 3-in-1 High-Speed Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
DS1013 3-in-1 Silicon Delay Line 1  2  3  4  5  More Dallas Semiconductor
S477-0005-A3 TRIPLE LINE LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES 1  Bel Fuse Inc.
BBY51-07 Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn