Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-QFN44B-L-02 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SF-QFN44B-L-02
Description  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-QFN44B-L-02 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SF-QFN44B-L-02 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
GND
GND
3.02mm
[0.119"]
6.32mm [0.249"]
6.32mm
[0.249"]
7.00mm [0.276"]
5.75mm [0.226"]
7.00mm
[0.276"]
5.75mm
[0.226"]
5.11mm
[0.201"]
5.11mm [0.201"]
1
0.80mm [0.032"] typ.
0.30mm [0.012"] typ.
0.50mm [0.020"] typ.
Top View
Bottom View
Front View
Substrate: 0.635mm ±0.18mm [0.025" ±0.007"]
per IPC 4101/21, Gold surface finish.
Description: 44 position MLF surface mount foot
44 position (+1 Gnd index pin). 0.8mm pitch UGA female receptacles (top) to 44 position, 0.5mm MLF pattern
Status: Released
Drawing: H. Hansen
Scale: 8:1
Rev: A
Date: 12/12/05
Modified:
File: SF-QFN44B-L-02 Dwg
SF-QFN44B-L-02 Drawing
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
1
2
Pins: shell material- Brass Alloy 360 1/2 hard;
finish- 0.25µm [10µ"] Au over 1.27µm [50µ"] Ni
(min.). Contact material- BeCu; finish 0.25µm
[10µ"] Au over 2.54µm [100µ"] Ni (min. ).
Substrate: 1.59mm ±0.18mm [0.062" ±0.007"]
FR4/G10 or equivalent high temp material.
Non-clad.
3
RoHS COMPLIANT
1
2
3
© 2005 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - SF-QFN44B-L-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-QFN40A-L-02 IRONWOOD-SF-QFN40A-L-02 Datasheet
39Kb / 1P
   Materials and specifications are subject to change without notice.
SF-QFN48A-L-02 IRONWOOD-SF-QFN48A-L-02 Datasheet
134Kb / 2P
   Primary dimension units are millimeters
More results

Similar Description - SF-QFN44B-L-02

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com