Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZUAFRA Datasheet(PDF) 3 Page - Rohm

Part # DTC143ZUAFRA
Description  NPN 100mA 50V Digital Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143ZUAFRA Datasheet(HTML) 3 Page - Rohm

  DTC143ZUAFRA Datasheet HTML 1Page - Rohm DTC143ZUAFRA Datasheet HTML 2Page - Rohm DTC143ZUAFRA Datasheet HTML 3Page - Rohm DTC143ZUAFRA Datasheet HTML 4Page - Rohm DTC143ZUAFRA Datasheet HTML 5Page - Rohm DTC143ZUAFRA Datasheet HTML 6Page - Rohm DTC143ZUAFRA Datasheet HTML 7Page - Rohm DTC143ZUAFRA Datasheet HTML 8Page - Rohm DTC143ZUAFRA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DTC143ZUA FRA
 
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.1 Input voltage vs. output current (ON
characteristics)
Fig.2 Output current vs. input voltage (OFF
characteristics)
Fig.3 Output current vs. output voltage
Fig.4 DC current gain vs. output current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/5
20160225 - Rev.001


Similar Part No. - DTC143ZUAFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZUA ROHM-DTC143ZUA Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
DTC143ZUA ROHM-DTC143ZUA Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC143ZUA ROHM-DTC143ZUA Datasheet
86Kb / 4P
   Digital transistors (built-in resistors)
DTC143ZUA ROHM-DTC143ZUA Datasheet
566Kb / 11P
   DTC143Z series
logo
Micro Commercial Compon...
DTC143ZUA MCC-DTC143ZUA Datasheet
410Kb / 3P
   Digital Transistors
More results

Similar Description - DTC143ZUAFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com