Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB4FHA Datasheet(PDF) 3 Page - Rohm

Part # EMB4FHA
Description  General purpose (Dual digital transistor)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB4FHA Datasheet(HTML) 3 Page - Rohm

  EMB4FHA Datasheet HTML 1Page - Rohm EMB4FHA Datasheet HTML 2Page - Rohm EMB4FHA Datasheet HTML 3Page - Rohm EMB4FHA Datasheet HTML 4Page - Rohm EMB4FHA Datasheet HTML 5Page - Rohm EMB4FHA Datasheet HTML 6Page - Rohm EMB4FHA Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMB4 FHA
 
 
               
Datasheet
l
lElectrical characteristic curves (Ta = 25°C)
<For DTr1 and DTr2 in common>
Fig.1 Grounded Emitter Propagation
    Characteristics
Fig.2 Grounded Emitter Output
    Characteristics
Fig.3 DC Current Gain vs. Collector Current
Fig.4 Collector-Emitter Saturation Voltage
    vs. Collector Current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/5
20161012 - Rev.001


Similar Part No. - EMB4FHA

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EMB4F ZSELEC-EMB4F Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMB4F ZSELEC-EMB4F Datasheet
96Kb / 2P
   SUPER FAST SURFACE MOUNT 1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
EMB4F CHENDA-EMB4F Datasheet
450Kb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
EMB4FU DYELEC-EMB4FU Datasheet
854Kb / 2P
   SINGLE PHASE 1.0AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - EMB4FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB53 ROHM-EMB53_16 Datasheet
966Kb / 7P
   General purpose Dual digital transistor
EMB52 ROHM-EMB52 Datasheet
865Kb / 9P
   General purpose Dual digital transistor
EMB10 ROHM-EMB10_15 Datasheet
1Mb / 11P
   General purpose Dual digital transistor
EMB4 ROHM-EMB4_15 Datasheet
999Kb / 9P
   General purpose Dual digital transistor
UMD12NFHA ROHM-UMD12NFHA Datasheet
1Mb / 10P
   General purpose (Dual digital transistor)
EMH25FHA ROHM-EMH25FHA Datasheet
924Kb / 8P
   General purpose (Dual digital transistor)
EMH4FHA ROHM-EMH4FHA Datasheet
1Mb / 7P
   General purpose (dual digital transistor)
EMH4 ROHM-EMH4_15 Datasheet
1Mb / 10P
   General purpose (dual digital transistor)
EMD9 ROHM-EMD9_15 Datasheet
1Mb / 13P
   General purpose (dual digital transistor)
EMH51 ROHM-EMH51_16 Datasheet
1Mb / 8P
   General purpose (dual digital transistor)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com