Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS69273NT-61SMAM Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # LPS69273NT-61SMAM
Description  Low Profile aesthetically neutral housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LPS69273NT-61SMAM Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  LPS69273NT-61SMAM Datasheet HTML 1Page - Laird Tech Smart Technology LPS69273NT-61SMAM Datasheet HTML 2Page - Laird Tech Smart Technology LPS69273NT-61SMAM Datasheet HTML 3Page - Laird Tech Smart Technology LPS69273NT-61SMAM Datasheet HTML 4Page - Laird Tech Smart Technology LPS69273NT-61SMAM Datasheet HTML 5Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.lairdtech.com
L
PS69273NT
Omni SISO 3G-4G LTE Disk-Puck Antenna
On metal housing
On plastic housing with ground plane kit
Radiation Pattern at 960 MHz
Radiation Pattern at 1710 MHz


Similar Part No. - LPS69273NT-61SMAM

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
More results

Similar Description - LPS69273NT-61SMAM

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CFS60383P LSTD-CFS60383P Datasheet
2Mb / 4P
   Low profile aesthetically neutral housing
CMS69273P LSTD-CMS69273P Datasheet
398Kb / 3P
   Low Profile aesthetically neutral housing
CMQ23496-0815 LSTD-CMQ23496-0815 Datasheet
1Mb / 4P
   Low Profile aesthetically neutral housing
CMM24513S4 LSTD-CMM24513S4 Datasheet
302Kb / 3P
   Low profile aesthetically neutral housing
SL6927PTL LSTD-SL6927PTL Datasheet
811Kb / 2P
   Low profile aesthetically neutral housing
LPS69223NT LSTD-LPS69223NT Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
CMQ69273P LSTD-CMQ69273P Datasheet
1Mb / 5P
   Low Profile aesthetically neutral housing
CFSA69383P LSTD-CFSA69383P Datasheet
2Mb / 3P
   Ultra Low profile aesthetically neutral housing
SL80173WP LSTD-SL80173WP Datasheet
401Kb / 1P
   Neutral color and dimunuitive profile
SQ24493P LSTD-SQ24493P Datasheet
722Kb / 1P
   Neutral color and diminutive profile
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com