Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2408-4L Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C2408-4L
Description  Zero-Delay Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2408-4L Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C2408-4L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C2408-4L Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8589E
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2408
Zero Delay Clock Buffer
16-Pin SOIC (W) Package
Note: Controlling dimensions in millimeters. Ref: JEDEC MS - 012 AC
16-Pin TSSOP (L) Package
SEATING PLANE
.050
BSC
1
16
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.386
.393
9.80
10.00
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.0040
.0098
0.10
0.25
.013
.020
.0155
.0260
0.330
0.508
0.393
0.660
.0075
.0098
0.25
0.50
.0099
.0196
x 45˚
0.19
0.25
.016
.050
0.41
1.27
REF
.193
.201
.047
max.
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
16
.169
.177
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
1.20
4.9
5.1
0.65
0.19
0.30
.007
.012


Similar Part No. - PI6C2408-4L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401W PERICOM-PI6C2401W Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401WE PERICOM-PI6C2401WE Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2408-4L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com