Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CV2304WE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6CV2304WE
Description  160 MHz Clock Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV2304WE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI6CV2304WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV2304WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV2304WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV2304WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV2304WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV2304WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV2304WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV2304WE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
160 MHz Clock Buffers
8
PS8537D
09/14/043
OrderingInformation
PericomSemiconductorCorporation • 1-800-435-2336 • www.pericom.com
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
OrderingCode
PackageCode
PackageType
PI6CV304L
L
8-pin173-milwideTSSOP
PI6CV304LE
L
Pb-free&Green,8-pin173-milwideTSSOP
PI6CV304W
W
8-pin150-milwideSOIC
PI6CV304WE
W
Pb-free&Green,8-pin150-milwideSOIC
PI6CV2304L
L
8-pin173-milwideTSSOP
PI6CV2304LE
L
Pb-free&Green,8-pin173-milwideTSSOP
PI6CV2304W
W
8-pin150-milwideSOIC
PI6CV2304WE
W
Pb-free&Green,8-pin150-milwideSOIC


Similar Part No. - PI6CV2304WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV2304WE PERICOM-PI6CV2304WE Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304WE PERICOM-PI6CV2304WE Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304WE PERICOM-PI6CV2304WE Datasheet
333Kb / 8P
   160 MHz Clock Buffers
More results

Similar Description - PI6CV2304WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV304LEX PERICOM-PI6CV304LEX Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304LEX PERICOM-PI6CV2304LEX Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV304 PERICOM-PI6CV304_09 Datasheet
333Kb / 8P
   160 MHz Clock Buffers
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:10 Clock Distribution Buffer
logo
ON Semiconductor
NB3N501 ONSEMI-NB3N501_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
logo
Cypress Semiconductor
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
B9948 CYPRESS-B9948 Datasheet
100Kb / 6P
   3.3V, 160-MHz, 1:12 Clock Distribution Buffer
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com