Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59Z115-000-C Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59Z115-000-C
Description  FAKRA- HF PLASTIC HOUSING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59Z115-000-C Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59Z115-000-C Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z115-000-C Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
FAKRA- HF
PLASTIC HOUSING
59Z115-000-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 6.2
Temperature and humidity
DIN 72594-2 clause 6.3
Vibration and mechanical shock
DIN 72594-2 clause 6.1
Dry heat
DIN 72594-2 clause 6.4
2002/95/EC (RoHS)
compliant
Application
Applicable e.g. for following connectors:
59K13O-1xx*
1), 59K13D-1xx*1), 59K13F-1xx*1),
59K16A-1xx*
1), 59K16B-1xx*1)
*
1) -xx for all available cable variations
-xxx
Packing
Standard
500 pcs in box
Weight
2.55 g/pce
Coding
Part Number has to be accomplished by codification
*
2) available on request
Coding
Color
RAL
Part-Number
A
black
sim. 9005
59Z115-000-A
B
white
sim. 9001
59Z115-000-B
C
blue
sim. 5005
59Z115-000-C
D
bordeauxviolet
sim. 4004
59Z115-000-D
E
green
sim. 6002
59Z115-000-E
F
brown
sim. 8011
59Z115-000-F
G
grey
sim. 7031
59Z115-000-G
H
violet
sim. 4003
59Z115-000-H
I
beige
sim. 1001
59Z115-000-I
K
curry
sim. 1027
59Z115-000-K
L
carmine red
sim. 3002
59Z115-000-L*
2)
M
pastel orange
sim. 2003
59Z115-000-M*
2)
N
pastel green
sim. 6019
59Z115-000-N*
2)
Z
waterblue
sim. 5021
59Z115-000-Z
traffic purple
sim. 4006
secondary lock
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
F. Neureiter
14/06/10
T. Bredbeck
06/08/12
a00
12-s309
F. Hohenadl
06/08/12
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 59Z115-000-C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z113-000-A ROSENBERGER-59Z113-000-A Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-B ROSENBERGER-59Z113-000-B Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-C ROSENBERGER-59Z113-000-C Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-D ROSENBERGER-59Z113-000-D Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z113-000-E ROSENBERGER-59Z113-000-E Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
More results

Similar Description - 59Z115-000-C

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z119-C01-Y ROSENBERGER-59Z119-C01-Y Datasheet
478Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z017-000-Y ROSENBERGER-59Z017-000-Y Datasheet
838Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z113-000-Y ROSENBERGER-59Z113-000-Y Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z120-C00-Y ROSENBERGER-59Z120-C00-Y Datasheet
245Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z006-T00-Y ROSENBERGER-59Z006-T00-Y Datasheet
114Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z116-000-Y ROSENBERGER-59Z116-000-Y Datasheet
697Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z066-R00-Y ROSENBERGER-59Z066-R00-Y Datasheet
98Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z027-001-Y ROSENBERGER-59Z027-001-Y Datasheet
692Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z064-000-Y ROSENBERGER-59Z064-000-Y Datasheet
69Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z026-000-Y ROSENBERGER-59Z026-000-Y Datasheet
330Kb / 2P
   FAKRA -HF PLASTIC HOUSING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com