Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2408-4W Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C2408-4W
Description  Zero-Delay Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2408-4W Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C2408-4W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C2408-4W Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8589E
09/15/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2408
Zero Delay Clock Buffer
Notes:
1. See Switching Waveforms on page 7.
s
r
e
t
e
m
a
r
a
Pe
m
a
Ns
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
FO
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
d
a
o
l
F
p
0
30
10
0
1
z
H
M
d
a
o
l
F
p
5
10
4
1
t C
D
e
l
c
y
C
y
t
u
D
)
1
(
)
H
1
(V
t
a
d
e
r
u
s
a
e
M
D
D
t
u
p
t
u
o
e
v
i
r
d
h
g
i
h
r
o
f
,
2
/5
40
55
5
%
e
l
c
y
C
y
t
u
D)
6
,
4
,
3
,
2
,
1
(V
t
a
d
e
r
u
s
a
e
M
D
D
t
u
p
t
u
o
e
v
i
r
d
l
a
m
r
o
n
r
o
f
,
2
/0
40
50
6
tR
e
m
i
T
e
s
i
R
)
1
(
F
p
0
3
@
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
2
.
2
s
n
e
m
i
T
e
s
i
R
)
1
(
F
p
5
1
@
5
.
1
e
m
i
T
e
s
i
R
)
1
(
)
H
1
(
F
p
0
3
@
5
.
1
tF
e
m
i
T
ll
a
F
)
1
(
F
p
0
3
@
2
.
2
e
m
i
T
ll
a
F
)
1
(
F
p
5
1
@
5
.
1
e
m
i
T
ll
a
F
)
1
(
)
H
1
(
F
p
0
3
@
5
2
.
1
t
)
O
(
K
S
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
1
(
e
m
a
s
n
i
h
ti
w
)
6
,
4
,
3
,
2
,
H
1
,
1
(
k
n
a
b
V
,
d
e
d
a
o
l
y
ll
a
u
q
e
s
t
u
p
t
u
o
ll
A
D
D 2
/0
0
2
s
p
w
e
k
S
B
T
U
O
o
t
A
T
U
O
)
1
(
)
4
,
H
1
,
1
(V
,
d
e
d
a
o
l
y
ll
a
u
q
e
s
t
u
p
t
u
o
ll
A
D
D 2
/0
0
2
w
e
k
S
B
T
U
O
o
t
A
T
U
O
)
1
(
)
6
,
3
,
2
(V
,
d
e
d
a
o
l
y
ll
a
u
q
e
s
t
u
p
t
u
o
ll
A
D
D 2
/0
0
4
t0
N
I
K
L
C
,
y
a
l
e
D
t
u
p
t
u
O
o
t
t
u
p
n
I
e
g
d
E
g
n
i
s
i
R
N
I
_
B
F
o
t
e
g
d
E
g
n
i
s
i
R
)
1
(
V
t
a
d
e
r
u
s
a
e
M
D
D 2
/0
0
5
1
±
t
)
D
(
K
S
w
e
k
S
e
c
i
v
e
D
o
t
e
c
i
v
e
D
)
1
(
V
t
a
d
e
r
u
s
a
e
M
D
D
s
e
c
i
v
e
d
f
o
s
n
i
p
N
I
_
B
F
n
o
2
/0
0
0
5
t
W
E
L
S
e
t
a
R
w
e
l
S
t
u
p
t
u
O
)
1
(
H
1
n
o
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
2
#
ti
u
c
ri
C
t
s
e
T
g
n
i
s
u
e
c
i
v
e
d
1s
n
/
V
t T
I
J
r
e
tt
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
)
1
(
)
4
,
H
1
,
1
(
s
t
u
p
t
u
o
F
p
0
3
d
e
d
a
o
l
,
z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M0
0
2
s
p
s
t
u
p
t
u
o
F
p
5
1
d
e
d
a
o
l
,
z
H
M
0
4
1
t
a
d
e
r
u
s
a
e
M0
0
1
r
e
tt
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
)
1
(
)
6
,
3
,
2
(s
t
u
p
t
u
o
F
p
0
3
d
e
d
a
o
l
,
z
H
M
7
.
6
6
t
a
d
e
r
u
s
a
e
M0
0
4
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
)
1
(
s
k
c
o
l
c
d
il
a
v
,
y
l
p
p
u
s
r
e
w
o
p
e
l
b
a
t
S
s
n
i
p
N
I
_
B
F
d
n
a
N
I
K
L
C
n
o
d
e
t
n
e
s
e
r
p
0
.
1s
m
AC Electrial Characteristicsfor Commercial Temperature Device
DC Electrical Characteristics for Commercial Temperature Devices
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I

8
.
0
V
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I
0
.
2
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV N
I =V
0
0
5
µA
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV N
I =V D
D
0
0
1
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
OI L
O
I
;
)
6
,
4
,
3
,
2
,
1
(
A
m
8
=
L
O
)
H
1
(
A
m
2
1
=
4
.
0
V
V H
O
e
g
a
tl
o
V
H
G
I
H
t
u
p
t
u
OI H
O
I
;
)
6
,
4
,
3
,
2
,
1
(
A
m
8
=
H
O
)
H
1
(
A
m
2
1
=4
.
2
I D
D
)
e
d
o
m
D
P
(t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
o
D
r
e
w
o
P)
6
-
(
0
=
2
L
E
S
;
)
H
1
-
,
4
-
,
3
-
,
2
-
,
1
-
(
0
=
1
L
E
S
2
1
µA
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
SV
t
a
s
t
u
p
n
i
t
c
e
l
e
S
,
z
H
M
7
6
.
6
6
,
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U
D
D
D
N
G
r
o
9
3
A
m
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
SV
@
s
t
u
p
n
I
t
c
e
l
e
S
z
H
M
0
0
1
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U
D
D
D
N
G
r
o
4
5


Similar Part No. - PI6C2408-4W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401W PERICOM-PI6C2401W Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401WE PERICOM-PI6C2401WE Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2408-4W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com