Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59K27D-102Z4-F Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59K27D-102Z4-F
Description  RIGHT ANGLE JACK TURNABLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59K27D-102Z4-F Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59K27D-102Z4-F Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K27D-102Z4-F Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K27D-102Z4-F Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
FAKRA-
HF
RIGHT ANGLE JACK
TURNABLE
59K27D-102Z4-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Y = Part number has to be accomplished by codification
Interface
According to
DIN 72594-1
ISO 20860-1
Documents
Assembly instruction
MA_59V080
Material and plating
Connector parts
Material
Plating
Center contact 1 (Interface)
Spring bronze
Gold, min. 0.8 µm, over chemical nickel
Center contact 2 (Cable)
Spring bronze
Gold, min. 0.15 µm, over chemical nickel
Outer contact
Stainless steel
Stainless steel (Interface)
Tin, 2-4µm (Crimp)
Dielectric
PBT-GB20
Crimping ferrule
Spring bronze
Tin, 2-3 µm
Housing
PA 12-GF23
Clamp
PA 12-GF23
d


Similar Part No. - 59K27D-102Z4-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K27D-1M4Z4-A ROSENBERGER-59K27D-1M4Z4-A Datasheet
993Kb / 3P
   RIGHT ANGLE JACK TURNABLE
59K27D-1M4Z4-B ROSENBERGER-59K27D-1M4Z4-B Datasheet
993Kb / 3P
   RIGHT ANGLE JACK TURNABLE
59K27D-1M4Z4-C ROSENBERGER-59K27D-1M4Z4-C Datasheet
993Kb / 3P
   RIGHT ANGLE JACK TURNABLE
59K27D-1M4Z4-D ROSENBERGER-59K27D-1M4Z4-D Datasheet
993Kb / 3P
   RIGHT ANGLE JACK TURNABLE
59K27D-1M4Z4-E ROSENBERGER-59K27D-1M4Z4-E Datasheet
993Kb / 3P
   RIGHT ANGLE JACK TURNABLE
More results

Similar Description - 59K27D-102Z4-F

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K26A-1M4Z4 ROSENBERGER-59K26A-1M4Z4 Datasheet
680Kb / 3P
   RIGHT ANGLE JACK TURNABLE
59K27D-1M4Z4-Y ROSENBERGER-59K27D-1M4Z4-Y Datasheet
993Kb / 3P
   RIGHT ANGLE JACK TURNABLE
logo
XFMRS Inc.
XF101013-1049 XFMRS-XF101013-1049 Datasheet
34Kb / 1P
   TURNABLE COIL
logo
Rosenberger Hochfrequen...
99K20D-1D5A5-Y ROSENBERGER-99K20D-1D5A5-Y Datasheet
752Kb / 3P
   RIGHT ANGLE JACK
88K203-302L5 ROSENBERGER-88K203-302L5 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
88K203-3V2L5 ROSENBERGER-88K203-3V2L5 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
E4K24A-1AKX5-Y ROSENBERGER-E4K24A-1AKX5-Y Datasheet
144Kb / 3P
   RIGHT ANGLE JACK
D4K20E-1D5A5-Y ROSENBERGER-D4K20E-1D5A5-Y Datasheet
769Kb / 3P
   RIGHT ANGLE JACK
D4K2UE-1D5A5-Y ROSENBERGER-D4K2UE-1D5A5-Y Datasheet
772Kb / 3P
   RIGHT ANGLE JACK
D4K2RE-1D5A5-Y ROSENBERGER-D4K2RE-1D5A5-Y Datasheet
757Kb / 3P
   RIGHT ANGLE JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com