Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2456NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA2456NL
Description  High Frequency Wire Wound Transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2456NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA2456NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2456NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2456NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2456NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2456NL Datasheet HTML 5Page - Pulse A Technitrol Company PA2456NL Datasheet HTML 6Page - Pulse A Technitrol Company PA2456NL Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P742.D (02/16)
1
pulseelectronics.com
High Frequency Wire Wound
Transformers
EP10 Platforms - SMT
Power Range: up to 30W
Height: 11.45mm Max
Footprint: 15.24mm x 13.1mm Max
Toplogy: Forward and Flyback
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Pri. Inductance
(3-4)
253.4
µH ± 10%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
7.5
µH MAX
(3-4)
420
m
Ω MAX
DCR
(6, 5-8, 7)
7.5
m
Ω MAX
(2-1)
115
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
4671.8
Pri. Inductance
(3-4)
253.4
µH ±10%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
7.5
µH MAX
(3-4)
420
m
Ω MAX
DCR
(6, 5-8, 7)
16
m
Ω MAX
(2-1)
115
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
4671.8
Pri. Inductance
(3-4)
264.1
µH ±10%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
6
µH MAX
(3-4)
800
m
Ω MAX
(6, 5-8, 7)
45
m
Ω MAX
(2-1)
115
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
4769.7
PA1133NL
PA1134NL
PA1135NL
DCR
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
5


Similar Part No. - PA2456NL

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
PA2450S13ZA VANLONG-PA2450S13ZA Datasheet
47Kb / 1P
   Ceramic Patch Antenna
PA2450S13ZA VANLONG-PA2450S13ZA Datasheet
43Kb / 1P
   Excellent temperature stability, temperature compensated
logo
Renesas Technology Corp
PA2454 RENESAS-PA2454_15 Datasheet
294Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Pulse A Technitrol Comp...
PA2459NL PULSE-PA2459NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA2456NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com