Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3019NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA3019NL
Description  High Frequency Wire Wound Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA3019NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA3019NL Datasheet HTML 1Page - Pulse A Technitrol Company PA3019NL Datasheet HTML 2Page - Pulse A Technitrol Company PA3019NL Datasheet HTML 3Page - Pulse A Technitrol Company PA3019NL Datasheet HTML 4Page - Pulse A Technitrol Company PA3019NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary P744.A (05/14)
3
pulseelectronics.com
High Frequency Wire Wound
Transformers
EP7 Platforms - SMT
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Pri. Inductance
(1-4)
100µH ±25%
(1-4)
85 m
Ω MAX
(5-7)
8760 m
Ω MAX
(7-8)
2200 m
Ω MAX
Hi-Pot
Pri-Sec
500 Vrms
K1 Factor
93.5
Pri. Inductance
(3-4)
22.5 µH ±10%
Lk. Inductance
(3-4) with
(5,7) shorted
0.6 µH MAX
(3-4)
100 m
Ω MAX
(5-8)
200 m
Ω MAX
(2-1)
110 m
Ω MAX
Hi-Pot
Pri-Sec
1500 Vrms
K1 Factor
1401.9
Pri. Inductance
(3-4)
30 µH ±5%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
0.7 µH MAX
(3-4)
250 m
Ω MAX
(6, 5-8, 7)
72 m
Ω MAX
(2-4)
170 m
Ω MAX
Hi-Pot
Pri-Sec
500 Vrms
K1 Factor
1168.2
Pri. Inductance
(3-4)
48.6µH ±5%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
0.9 µH MAX
(3-4)
250 m
Ω MAX
DCR
(6, 5-8, 7)
35 m
Ω MAX
(2-1)
130 m
Ω MAX
Hi-Pot
Pri-Sec
500 Vdc
K1 Factor
1892.5
PA2571NL
PA2617NL
PA2626NL
PA3018NL
DCR
DCR
DCR
FORWARD TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
5


Similar Part No. - PA3019NL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011-N24-R UTC-PA3011-N24-R Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011-N24-T UTC-PA3011-N24-T Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011G-N24-R UTC-PA3011G-N24-R Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011G-N24-R UTC-PA3011G-N24-R Datasheet
256Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
More results

Similar Description - PA3019NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com