Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3018NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA3018NL
Description  High Frequency Wire Wound Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA3018NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA3018NL Datasheet HTML 1Page - Pulse A Technitrol Company PA3018NL Datasheet HTML 2Page - Pulse A Technitrol Company PA3018NL Datasheet HTML 3Page - Pulse A Technitrol Company PA3018NL Datasheet HTML 4Page - Pulse A Technitrol Company PA3018NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary P744.A (05/14)
1
pulseelectronics.com
High Frequency Wire Wound
Transformers
EP7 Platforms - SMT
Power Range: up to 5W
Height: 9.27mm Max
Footprint: 13.34mm x 10.7mm Max
Toplogy: Forward and Flyback
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Pri. Inductance
(3-4)
500µH ± 10%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
8µH MAX
(3-4)
1750m
Ω MAX
DCR
(6, 5-8, 7)
15m
Ω MAX
(2-1)
215m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
9735.2
Pri. Inductance
(3-4)
500µH ±10%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
7.5µH MAX
(3-4)
1750m
Ω MAX
DCR
(6, 5-8, 7)
35m
Ω MAX
(2-1)
215m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
9735.2
Pri. Inductance
(3-4)
521µH ±10%
Lk. Inductance
(3-4) with
(8, 7, 6, 5) shorted
7.5 µH MAX
(3-4)
1750m
Ω MAX
(6, 5-8, 7)
100m
Ω MAX
(2-1)
220m
Ω MAX
Hi-Pot
Pri-Sec
1500Vrms
K1 Factor
9937.1
PA1130NL
PA1131NL
PA1132NL
DCR
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
5


Similar Part No. - PA3018NL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011-N24-R UTC-PA3011-N24-R Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011-N24-T UTC-PA3011-N24-T Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011G-N24-R UTC-PA3011G-N24-R Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PA3011G-N24-R UTC-PA3011G-N24-R Datasheet
256Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
More results

Similar Description - PA3018NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com