Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C3383Q Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3383Q
Description  5-Bit, 4-Port Bus Exchange Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3383Q Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3383Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3383Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3383Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3383Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3383Q Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS7028G
12/10/04
Description
The PI5C3383 is a 5-bit, 4-port bus switch with exchange
designed with a low On-Resistance allowing inputs to be
connected directly to outputs. The switch creates no additional
propagational delay or additional ground bounce noise. The
switch is turned ON by the Bus Enable (BE) input signal, and the
Bus Exchange (BX) input signal offers nibble swapping of the
AB and CD pairs of signals. This exchange configuration allows
byte swapping of buses in systems. It can also be used as a quad
2-to-1 multiplexer and to create low delay barrel shifters, etc.
PI5C3383
5-Bit, 4-Port Bus Exchange Switch
Block Diagram
Note:
1.
H =High Voltage Level, X = Don’t Care
L = Low Voltage Level, Hi-Z = High Impedance
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2µA typical)
– Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
– 24-pin 173-mil wide plastic TSSOP (L)
– 24-pin 150-mil wide plastic QSOP (Q)
– 24-pin 300-mil wide plastic SOIC (S)
Pin Configuration
Pin Description
Pin Name
Description
BE
Bus Enable Input (Active LOW)
BX
Bus Exchange Input
AX
Bus A
BX
Bus B
CX
Bus C
DX
Bus D
GND
Ground
VCC
Power
Truth Table(1)
Function
BE
BX
A0-A4
B0-B4
Disconnect
H
X
Hi-Z
Hi-Z
Connect
L
L
C0-C4
D0-D4
Exchange
L
H
D0-D4
C0-C4
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BE
C0
A0
B0
D0
C1
A1
B1
D1
C2
A2
GND
Vcc
D4
B4
A4
C4
D3
B3
A3
C3
D2
B2
BX
BE
BX
B4
A4
D4
C4
B0
A0
D0
C0


Similar Part No. - PI5C3383Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3384 PERICOM-PI5C3384 Datasheet
55Kb / 4P
   10-Bit, 2-Port BusSwitch
PI5C3384 PERICOM-PI5C3384 Datasheet
466Kb / 6P
   10-Bit, 2-Port Bus Switch
PI5C3384 PERICOM-PI5C3384 Datasheet
466Kb / 6P
   10-Bit, 2-Port Bus Switch
PI5C3384A PERICOM-PI5C3384A Datasheet
182Kb / 3P
   10-Bit, 2-Port BusSwitch
PI5C3384C PERICOM-PI5C3384C Datasheet
55Kb / 4P
   10-Bit, 2-Port BusSwitch
More results

Similar Description - PI5C3383Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
   4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
   4-Bit, 4-Port Bus Exchange Switch
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
   3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI5C3401 PERICOM-PI5C3401 Datasheet
368Kb / 5P
   6-Bit, 3-Port Bus Exchange Switch
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com