Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YR80.241 Datasheet(PDF) 8 Page - PULS GmbH

Part # YR80.241
Description  DUAL REDUNDANCY MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR80.241 Datasheet(HTML) 8 Page - PULS GmbH

Back Button YR80.241 Datasheet HTML 4Page - PULS GmbH YR80.241 Datasheet HTML 5Page - PULS GmbH YR80.241 Datasheet HTML 6Page - PULS GmbH YR80.241 Datasheet HTML 7Page - PULS GmbH YR80.241 Datasheet HTML 8Page - PULS GmbH YR80.241 Datasheet HTML 9Page - PULS GmbH YR80.241 Datasheet HTML 10Page - PULS GmbH YR80.241 Datasheet HTML 11Page - PULS GmbH YR80.241 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
YR80.241
Y-Series
12-28V, 80A, DUAL REDUNDANCY MODULE
7. FUNCTIONAL DIAGRAM
Fig. 7-1 Functional diagram
+
-
+
-
+
-
Input 1
control
control
Input 2
Chassis
Ground
Output
8. FRONT SIDE AND USER ELEMENTS
Fig. 8-1 Front side
A
Output Terminals (screw terminals)
B
Chassis Ground Terminals
To be connected on the top side of the housing with a ring-type terminal
(ring cable lug) which is suitable for a M4 screw.
Connection of the chassis is optional and not required since the unit fulfils
the requirements according to protection class III.
C
Input Terminals for Input 1 (screw terminals)
D Input Terminals for Input 2 (screw terminals)
Feb. 2014 / Rev. 1.3 DS-YR80.241-EN
All parameters are specified at 24V, 80A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
8/17


Similar Part No. - YR80.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
More results

Similar Description - YR80.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
   12-28V, 20A, DUAL REDUNDANCY MODULE
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
MLY02.100 PULS-MLY02.100 Datasheet
461Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com