Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT40.481 Datasheet(PDF) 1 Page - PULS GmbH

Part # XT40.481
Description  THREE-PHASE INPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.481 Datasheet(HTML) 1 Page - PULS GmbH

  XT40.481 Datasheet HTML 1Page - PULS GmbH XT40.481 Datasheet HTML 2Page - PULS GmbH XT40.481 Datasheet HTML 3Page - PULS GmbH XT40.481 Datasheet HTML 4Page - PULS GmbH XT40.481 Datasheet HTML 5Page - PULS GmbH XT40.481 Datasheet HTML 6Page - PULS GmbH XT40.481 Datasheet HTML 7Page - PULS GmbH XT40.481 Datasheet HTML 8Page - PULS GmbH XT40.481 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
XT40.481, XT40.482
– X-Series
48V, 20A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.48x-EN All parameters are specified at 48V 20A, 3x400Vac (XT40.481) or 3x480Vac (XT40.482),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
1/20
SEMI-REGULATED POWER SUPPLY
Alternative or Replacement for AC Transformer
Three Phase Input – DC Output
DIN-Rail Mountable
Width only 96mm
96% Efficiency
125% Peak Power Capability
No Input Inrush Current
Active Input Transient Blocker
Full Power Between -25°C and +60°C
Easy Failure Diagnostics
No Electrolytic Capacitors on Input Side
Cost Effective and Robust
3 Year Warranty
1. GENERAL DESCRIPTION
2. SHORT-FORM DATA
Output voltage
DC 48V
Adjustment range
none
Output current
20A
continuous
25A
for typ. 15s
Output power
960W
continuous
1200W
for typ. 15s
Output ripple
< 2500mVpp
20Hz-2kHz
< 300mVpp
2kHz to 20MHz
Input voltage
3AC 400V
XT40.481
3AC 480V
XT40.482
Mains frequency
50-60Hz
±6%
AC Input current
1.65A / phase
XT40.481, 3x400V
1.4A / phase
XT40.482, 3x480V
Power factor
0.93
48V, 20A
AC Inrush current
typ. 2A peak
Efficiency
96.0%
Losses
40.0W
Temperature range -25°C to +70°C
operational
Derating
24W/°C
+60 to +70°C
The power supplies in the Dimension X-Series include
a new and innovative concept for generating an
isolated DC voltage from a three-phase mains
system.
A semi-regulated resonant converter enables a very
compact design, maximum efficiency and extremely
competitive pricing with only a small compromise in
the output voltage regulation, output ripple and
hold-up time.
Weighing just 1.4 kg, the device provides 960 watts
of continuous output power and an additional 25%
power reserve for dynamic loads. The light-weight
design along with compact dimensions facilitate
straightforward mounting on DIN-rail.
Primary use are applications involving supplies to
motors, valves and other load circuits with a high
power consumption, where an accurate output
voltage regulation which is standard on traditional
switched-mode power supplies is not required.
Furthermore, these switched-mode power supplies
can often replace mains transformers with rectifiers.
Dimensions
96x124x159mm
WxHxD
3. ORDER NUMBERS
4. MARKINGS
Power Supply
XT40.481
400V Input
XT40.482
480V Input
IND. CONT. EQ.
18WM
LISTED
UL 508
UL 60950-1
EMC, LVD
Accessory
UF20.481
48V Buffer Unit


Similar Part No. - XT40.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
XT40.242 PULS-XT40.242 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
XT40.362 PULS-XT40.362 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
   THREE-PHASE INPUT
More results

Similar Description - XT40.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
   THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
   THREE PHASE INPUT
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT40.361 PULS-QT40.361 Datasheet
895Kb / 27P
   THREE PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
   THREE-PHASE INPUT
QT40.481 PULS-QT40.481 Datasheet
912Kb / 28P
   THREE PHASE INPUT
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com