Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT40.362 Datasheet(PDF) 7 Page - PULS GmbH

Part # XT40.362
Description  THREE-PHASE INPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.362 Datasheet(HTML) 7 Page - PULS GmbH

Back Button XT40.362 Datasheet HTML 3Page - PULS GmbH XT40.362 Datasheet HTML 4Page - PULS GmbH XT40.362 Datasheet HTML 5Page - PULS GmbH XT40.362 Datasheet HTML 6Page - PULS GmbH XT40.362 Datasheet HTML 7Page - PULS GmbH XT40.362 Datasheet HTML 8Page - PULS GmbH XT40.362 Datasheet HTML 9Page - PULS GmbH XT40.362 Datasheet HTML 10Page - PULS GmbH XT40.362 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
XT40.361, XT40.362
– X-Series
36V, 26A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.36x-EN All parameters are specified at 36V 13.3A, 3x400Vac (XT40.361) or 3x480Vac (XT40.362),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/20
9. EFFICIENCY AND POWER LOSSES
XT40.361
XT40.362
Efficiency
typ.
95.5%
95.5%
26.6A
Power losses
typ.
45.2W
45.2W
26.6A
typ.
18.2W
18.2W
0A
Fig. 9-1 Efficiency vs. output current
Fig. 9-2 Losses vs. output current
Efficiency
36
27A
88
89
90
91
92
93
94
95
96%
9
1215
1821
Output Current
24
Power Losses
0
3
6
9
12 15 18 21
0
10
20
30
40
50W
24 27A
Output Current
Fig. 9-3 Efficiency vs. input voltage, 36V, 26.6A
Fig. 9-4 Losses vs. input voltage, 36V, 26.6A
Efficiency
350
400
450
500 3x550
Vac
94.6
94.8
95.0
95.2
Input Voltage
95.4
95.6
95.8%
XT40.361
XT40.362
Power Losses
350
400
450
500 3x550
Vac
40
42
44
46
Input Voltage
48
50
52W
XT40.361
XT40.362


Similar Part No. - XT40.362

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
XT40.242 PULS-XT40.242 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
XT40.482 PULS-XT40.482 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
   THREE-PHASE INPUT
More results

Similar Description - XT40.362

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
   THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
   THREE PHASE INPUT
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT40.361 PULS-QT40.361 Datasheet
895Kb / 27P
   THREE PHASE INPUT
XT40.721 PULS-XT40.721 Datasheet
519Kb / 19P
   THREE-PHASE INPUT
QT40.481 PULS-QT40.481 Datasheet
912Kb / 28P
   THREE PHASE INPUT
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
   Three Phase AC Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com