Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZO24.071 Datasheet(PDF) 4 Page - PULS GmbH

Part # UZO24.071
Description  BATTERY MODULE 24V, 7AH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZO24.071 Datasheet(HTML) 4 Page - PULS GmbH

  UZO24.071 Datasheet HTML 1Page - PULS GmbH UZO24.071 Datasheet HTML 2Page - PULS GmbH UZO24.071 Datasheet HTML 3Page - PULS GmbH UZO24.071 Datasheet HTML 4Page - PULS GmbH UZO24.071 Datasheet HTML 5Page - PULS GmbH UZO24.071 Datasheet HTML 6Page - PULS GmbH UZO24.071 Datasheet HTML 7Page - PULS GmbH UZO24.071 Datasheet HTML 8Page - PULS GmbH UZO24.071 Datasheet HTML 9Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UZK24.071, UZO24.071
U-Series
BATTERY MODULE 24V, 7AH
9. REPLACING BATTERIES
Disconnect battery fuse before replacing the batteries.
To replace battery, loosen screw with only one turn and slide the mounting bracket sideways. Replace only one battery
at a time.
Always dispose the batteries through a recycling organization. Batteries must be completely discharged before
recycling. Batteries can also be returned to PULS or the battery manufacturer.
Battery replacements can be acquired through PULS. PULS also offers a list with recommended batteries in case
batteries need to be acquired elsewhere.
10. FUNCTIONAL DIAGRAM
Fig. 10-1 Functional diagram battery module with sensor board
Fuse
+-
BAT1
12V
+-
BAT2
12V
(+)
(-)
4/9
Temp.
Sensor
Temp.
RTN
Center
Tap
X1:
Auto
Resettable
Fuse
2m
2m
UZS24.100
Sensor board
11. ENVIRONMENT
Operational temperature*)
-10°C**) to +40°C (14°F to 104°F)
for charging
-15°C to +50°C (5°F to 122°F)
for discharging
Storage temperature
-20°C to +50°C (-4°F to 122°F)
for storage and transportation
Humidity
5 to 95% r.h.
IEC 60068-2-30
Do not energize while condensation is present
Vibration sinusoidal
±4mm at 16.7Hz
fixed frequency for 1hour
Vibration in vertical mounting orientation
according to IEC/EN 61056-1
Shock
free fall from 20cm
onto a wooden floor
Shock with bottom down orientation
according to IEC/EN 61056-1
Altitude
0 to 6000m (0 to 20 000ft)
without any restrictions
Degree of pollution
2
IEC 62103, EN 50178, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
**) Frequently charging below +5°C (41°F) reduced the lifetime of the battery
Jul. 2014 / Rev. 1.2 DS-UZK24.071-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - UZO24.071

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZO24.071 PULS-UZO24.071 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
More results

Similar Description - UZO24.071

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZK12.072 PULS-UZK12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
UZK24.121 PULS-UZK24.121_17 Datasheet
376Kb / 11P
   BATTERY MODULE 24V, 12AH
UZB12.071 PULS-UZB12.071 Datasheet
166Kb / 6P
   BATTERY REPLACEMENT 12V, 7AH
logo
GS Yuasa Battery Sales ...
GS-12N7-4B GSYUASABATTERY-GS-12N7-4B Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
GS-12N7D-3B GSYUASABATTERY-GS-12N7D-3B Datasheet
186Kb / 1P
   Capacity (10-hour) 7Ah
GS-CB7C-A GSYUASABATTERY-GS-CB7C-A Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
GS-12N7-3B GSYUASABATTERY-GS-12N7-3B Datasheet
1Mb / 1P
   Capacity (10-hour) 7Ah
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com