Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UZK24.121 Datasheet(PDF) 8 Page - PULS GmbH

Part No. UZK24.121
Description  BATTERY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULS [PULS GmbH]
Homepage  http://www.pulspower.com/
Logo 

UZK24.121 Datasheet(HTML) 8 Page - PULS GmbH

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
16. RECOMMENDATIONS FOR A LONG BATTERY LIFE
Temperature:
The temperature has the most impact on the service life. The hotter the temperature, the earlier the wear-out phase
of the battery begins. The wear-out results in a degradation of battery capacity. Place the battery module in a cool
location, E.g. near the bottom of the control cabinet. Do not place the battery module near heat generating devices.
Do not overcharge batteries!
Fig. 16-1 Service life vs. ambient temperature, typ.
20°C
10
30°C
35°C
40°C
45°C
8
6
4
2
Ambient Temperature
25°C
1
3
5
7
9
Service Life in Years
Design Life
of Battery
A: 3-5 Years
B: 6-9 Years
C: 10-12 Years
A
B
C
Number of discharge cycles and depth of discharge:
Do not discharge batteries more than necessary. Set buffer time limiter to the required buffer time. The number, as
well as the depth of discharging cycles is limited. A replacement of the battery might be necessary earlier.
When choosing the battery capacity, always try to get the next higher capacity than required. The depth of discharge
reduces the service life of the battery and limits the number of cycles.
Fig. 16-2 Battery degradation vs. discharging
cycles, typ.
0
120%
100%
40%
20%
Number of Discharging Cycles
200
60%
80%
Cell Capacity
Depth of
discharge
A: 100%
B: 50%
C: 30%
400
600
800
1000 1200
A
B
C
Store batteries fully charged
Do not store discharged batteries. Keep batteries fully charged!
Charge retention is important to get the longest battery life. Stored batteries which are not fully charged age faster
then charged batteries. Batteries which are not in use should be recharged at least once a year. The higher the
ambient temperature, the shorter the charging interval. At storage temperatures higher than 30°C, recharging should
be done at least every nine months.
Jul. 2014 / Rev. 1.2 DS-UZK24.121-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn