Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UZK24.121 Datasheet(PDF) 6 Page - PULS GmbH

Part No. UZK24.121
Description  BATTERY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULS [PULS GmbH]
Homepage  http://www.pulspower.com/
Logo 

UZK24.121 Datasheet(HTML) 6 Page - PULS GmbH

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
13. PROTECTION FEATURES
Degree of protection
IP 00
EN/IEC 60529
Class of protection
III
EN/IEC 61140
Internal input fuse
35A
DC-Fuse (ATO blade type)
Isolation voltage between power
and signal circuits to chassis
1100Vac
14. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the low-voltage
directive (LVD) 2006/95/EC.
IEC 60950-1
2nd Edition, pending
CB Scheme,
Information Technology Equipment
UL 508, pending
IND. CONT. EQ.
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
UL 60950-1
2nd Edition, pending
Recognized for use as Information Technology Equipment,
Level 5; U.S.A. (UL 60950-1) and Canada (C22.2 No. 60950-1);
E-File: E137006
Jul. 2014 / Rev. 1.2 DS-UZK24.121-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn