Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UZK24.121 Datasheet(PDF) 5 Page - PULS GmbH

Part No. UZK24.121
Description  BATTERY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULS [PULS GmbH]
Homepage  http://www.pulspower.com/
Logo 

UZK24.121 Datasheet(HTML) 5 Page - PULS GmbH

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
12. UZS24.100 SENSOR BOARD
5/9
The battery module includes the monitoring
and protection board UZS24.100. This board
contains a temperature sensor and a center-
tap connection with an auto-resettable fuse to
protect the center-tap wire between the
battery module and the DC-UPS control unit.
The UZS24.100 is compatible with most of the
PULS DC-UPS control units and enables all the
benefits of the PULS 1-Battery-Concept.This
makes the use of matched replacement
batteries unnecessary and allows a precise battery charging and testing which results in the longest possible battery
life.
The use of the sensor board is optional, the DC-UPS will also function without the sensor board installed.
Screw terminal specification:
Solid wire
0.5-1.5mm2
Stranded wire
0.5-1.5mm2
American Wire Gauge
AWG20-12
Max. wire diameter
1.5mm (including ferrules)
Wire stripping length
6mm / 0.25inch
Screwdriver
3x 0.5mm slotted
Recommended tightening torque
0.5Nm/ 4lb-in
Follow national installation codes and installation regulations!
Ensure that all strands of a stranded wire enter the terminal connection!
Unused terminals should be securely tightened.
Ferrules are allowed.
Jul. 2014 / Rev. 1.2 DS-UZK24.121-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn