Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UZK24.121 Datasheet(PDF) 3 Page - PULS GmbH

Part No. UZK24.121
Description  BATTERY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULS [PULS GmbH]
Homepage  http://www.pulspower.com/
Logo 

UZK24.121 Datasheet(HTML) 3 Page - PULS GmbH

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UZK24.121, UZO24.121
U-Series
BATTERY MODULE 24V, 12AH
8. INSTALLATION INSTRUCTIONS
This device may only be installed and put into operation by qualified personnel.
Check the last charging date of the batteries (marked on the battery). If it is older than 9 month replace the batteries.
PULS charges every battery before shipment.
For storage, installation and operation, the requirements of the EN 50272-2 as well as other national regulations must
be observed.
Place the battery module in a cool area inside a cabinet and ensure sufficient ventilation for the battery. The battery
module should be securely mounted on a flat surface.
If damage or malfunction should occur during installation or operation, immediately turn power off and send unit to
the factory for inspection.
Shorten the (+) and (-) wires as needed for the DC-UPS between the battery module and the DC-UPS. If seperate wires
are used, do not use wires smaller than 4mm2 (12 AWG).
When required, install the UZS24.100 sensor board. The sensor board can be snapped on the metal mounting bar as
shown in chapter 12. Connect the blue center-tap wire to the battery.
Connect the sensor board to the DC-UPS by using control wires with a minimum wire size of 0.5mm2 / 20AWG.
The last step is to insert the battery fuse and to store the spare fuse in the designated holes of the plastic cover.
Do not store batteries or the battery module longer than 9 month without supplementary charge or performance
might change.
WARNING
Risk of electrical shock, fire, personal injury or death.
- Do not short-circuit the battery poles or power wires
- Observe correct battery polarity
- Disconnect battery fuse before working on the battery or on the DC-UPS. Protect against inadvertent re-powering.
- Make sure that the wiring is correct by following all local and national codes.
- Do not modify or repair the unit.
- Do not use in wet locations or in areas where moisture or condensation can be expected.
Fig. 8-1 Wiring scheme
Fig. 8-2 Bracket hole pattern
Battery
DC-UPS
Data/
Temp.
(11)
RTN
(12)
Center
Tap
(13)
X1
(+)
X2
(-)
Battery
wires
(+)
(
-)
X1
UZK24.121
Battery Module
Temp.
(11)
RTN
(12)
Center
Tap
(13)
optional
Load
Output
Input
(+)
(-)
Jul. 2014 / Rev. 1.2 DS-UZK24.121-EN
All parameters are specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn