Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT64LC20PTE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT64LC20PTE13
Description  1K/2K/4K-Bit SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC20PTE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT64LC20PTE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT64LC20PTE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Discontinued
Parts
7
CAT64LC10/20/40
Doc. No. 1021, Rev. C
a 16-bit data field is also required following the 8-bit
address field.
The CAT64LC10/20/40 requires an active LOW
CS in
order to be selected. Each instruction must be preceded
by a HIGH-to-LOW transition of
CS before the input of
the 4-bit start sequence. Prior to the 4-bit start sequence
(1010), the device will ignore inputs of all other logical
sequence.
Figure 4. Write Instruction Timing
Figure 5. Ready/
BUSY
BUSY
BUSY
BUSY
BUSY Status Instruction Timing
Read
Upon receiving a READ command and address (clocked
into the DI pin), the DO pin will output data one tPD after
the falling edge of the 16th clock (the last bit of the
address field). The READ operation is not affected by
the RESET input.
Write
After receiving a WRITE op code, address and data, the
device goes into the AUTO-Clear cycle and then the
* Please check instruction set table for address
SK
DI
CS
DO
RESET
10100100
ADDRESS*
D15
D0
RDY/
BUSY
SK
DI
CS
DO
RESET
WRITE INSTRUCTION
NEXT INSTRUCTION
HIGH
LOW
RDY/
BUSY


Similar Part No. - CAT64LC20PTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC20PTE13 CATALYST-CAT64LC20PTE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
More results

Similar Description - CAT64LC20PTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com