Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

151053YS04500 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 151053YS04500
Description  WL-TMRW THT LED round mono-color waterclear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

151053YS04500 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  151053YS04500 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 151053YS04500 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.9
1.8
1.7
1.6
1.5
1.4
1.3
REV
2015-03-23
2014-11-03
2014-03-17
2013-09-12
2013-11-05
2013-10-08
2013-09-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
HOe
ZAn
SSt
PLD
PLD
PLD
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-TMRW THT LED round mono-color
waterclear
Order.- No.
151053YS04500
SIZE
A4
Size: 5 mm
A Dimensions: [mm]
Optical Properties:
Properties
Chip Technology
Emitting Color
Lens Type
Value
AlInGaP
Yellow
Waterclear
B Recommended hole pattern: [mm]
C Schematic:
D Absolute Maximum Ratings (Ambient Temperature 25°C):
Properties
Power dissipation
Peak Forward Current
Continuous Forward Current
Reverse Voltage
ESD Threshold/ Human Body Modell
Test conditions
duty/10@1kHz
PDiss
IF Peak
IF
VRev
VESD HBM
Value
78
100
30
5
2000
Unit
mW
mA
mA
V
V
E General information:
•Operating temperature: -40°C to +85°C
•Storage temperature (on tape & reel): -40°C to +85°C; 60% RH max.
•Moisture Sensitivity Level (MSL): 1
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn