Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-7040 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-7040
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7040 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-7040 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7040 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7040 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7040 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Recommended torque = 0.5 in lbs./
8 in oz.
A
A
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
Status: Released
Drawing: H. Hansen
Scale: -
Rev: B
Date: 3/17/05
File: SG-BGA-7040 Dwg
SG-BGA-7040 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Top View
Side View
(Section AA)
Easily removable swivel socket lid
Modified: 6/2/09, AE
PAGE 1 of 4
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, alloy steel with
black oxide finish, 0-80 fine thread , 9.525mm long.
Elastomer Guide: Non-clad FR4.
Thickness = 0.475mm.
Compression Plate: Black anodized Aluminum.
Thickness = 2.5mm.
Elastomer: 20 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.5mm.
Socket base: Black anodized Aluminum.
Thickness = 5mm.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
Compression screw: Clear anodized Aluminum.
Thickness = 5mm, Hex socket = 5mm.
1
2
3
4
5
6
7
8
9
10
11
Ball Guide: Kapton polyimide.
Insulation Plate: FR4/G10, Thickness = 1.59mm.
Backing Plate: Black anodized Aluminum.
Thickness = 6.35mm.
Assembled
8.25mm +
IC thickness
Assembled
8.25mm +
IC thickness
Customer's Target PCB
Customer's
BGA IC
9
8
7
2
3
4
1
6
10
5
11


Similar Part No. - SG-BGA-7040

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7041 IRONWOOD-SG-BGA-7041 Datasheet
72Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7042 IRONWOOD-SG-BGA-7042 Datasheet
79Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7043 IRONWOOD-SG-BGA-7043 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7044 IRONWOOD-SG-BGA-7044 Datasheet
66Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7045 IRONWOOD-SG-BGA-7045 Datasheet
57Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-7040

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com