Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-QFN12E-01 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SS-QFN12E-01
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-QFN12E-01 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SS-QFN12E-01 Datasheet HTML 1Page - Ironwood Electronics. SS-QFN12E-01 Datasheet HTML 2Page - Ironwood Electronics. SS-QFN12E-01 Datasheet HTML 3Page - Ironwood Electronics. SS-QFN12E-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
**** To effectively conduct heat away from the package a
thermal pad is recommended with vias spaced
1.0 to 1.2 mm pitch and a diameter of 0.3 to 0.33 mm.
Ideally 1 via for every 3 leads has been shown to work well.
12.600mm±0.125mm
3.00mm
2.00mm
1.250mm±0.125mm (x2)
1.250mm±0.125mm (x2)
9.725mm (x4)
Ø 0.850mm±0.025mm (x2)
Non plated alignment hole
0.45 x 0.3mm
Orientation Mark
pad (x 12)
3.8125mm*
3.6125mm
1.8 mm x 3 mm thermal /GND pad
14.725mm
Non plated mounting hole
Ø 1.75mm±0.050mm(x4)
Backing plate size
12.225mm±0.125mm
Socket Body Size
Socket Body Size
2.60mm
2.50mm
2.15mm
2.80mm
PAGE 2 of 4
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: H. Hansen
Scale: 4:1
Rev: B
Date: 6/9/06
Modified: 3/15/07
File: SS-QFN12E-01 Dwg
SS-QFN12E-01 Drawing
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400, Burnsville MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
All dimensions are in mm.
*Note: MLF pattern is not symmetrical with respect to the
mounting holes. It is offset 0.25mm to the right of
center.


Similar Part No. - SS-QFN12E-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12D-01 IRONWOOD-SS-QFN12D-01 Datasheet
76Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SS-QFN12E-01

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com