Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5A100 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part No. PI5A100
Description  Precision, Wide-Bandwidth Quad SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A100 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI5A100 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PS7012H
08/30/04
PI5A100
Precision, Wide-Bandwidth, Quad SPDT Analog Switch
RON vs. VCOM and Single Supply
Switching Times vs. Temperature
Insertion Loss vs. Frequency
Input Switching Threshold vs. Supply Voltage
Supply Current vs. Temperature
10
1
0.1
0.01
0.001
-40
0
40
80
Temperature (°C)
VCC = +5V
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
3
1
6
10
30
60 100
300
Frequency (MHz)
R = 50!
-3dB Point
L
V
= +5V
CC
4
3
2
1
0
5
4
3
7
5
6
VCC (V)
4.5
7
5
5.5
6.5
6
4
3.5
20
15
10
5
0
25
3
V CC (V)
t ON,
t OFF
-40
0
5
10
15
20
0
40
80
120
Temperature (°C)
tON
tOFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn