Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5A100 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part No. PI5A100
Description  Precision, Wide-Bandwidth Quad SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A100 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5A100 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A100 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS7012H
08/30/04
PI5A100
Precision, Wide-Bandwidth, Quad SPDT Analog Switch
Typical Operating Characteristics (T
A=+25ºC, unless otherwise noted)
Charge Injection vs. Analog Voltage
Leakage Current vs. Temperature
Crosstalk and Off-Isolation vs. Frequency
RON vs. VCOM
RON vs. VCOM and Temperature
Leakage Currents vs. Analog Voltage
20
V
10
30
40
+5V
+7V
COM
1
2
3
4
5
6
7
(V)
Vcc = +2V
+3.3V
8
4
12
16
1
2
3
4
5
0
A
B
C
0
VCC = +5V
A: TA = 90°C
B: TA = 25°C
C: TA = -40°C
-40
40
80
10nA
1nA
100pA
10pA
1pA
0.1pA
0.01pA
Temperature (˚C)
I
I
0
CO
M(
ON
)
CO
M(
OF
F)
CC= +5V
V
20
16
8
0
-8
-16
0
1
2
3
4
5
Temperature (˚C)
IA(ON) or IB(ON)
IA(ON) or
IB(ON)
15
10
5
0
-5
0
1
2
3
4
5
VCC = 3.3V
VCC = 5V
VCOM (V)
-100
-80
-60
-40
-20
0
1
2
4
6 8 10
20
40 60 80 100
200
Off Isolation
Crosstalk
VCC = 5V
Frequency (MHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn