Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SR24011120D Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part No. SR24011120D
Description  Articulating mounts available
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SR24011120D Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SR24011120D Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Suitable for indoor or outdoor applications
• Articulating mounts available
MARKETS
WiMAX
SR24011120D
Wide-Angle Coverage
Directional Antenna
2.4-2.5 GHz, 11 dBi, 120° SECTORED
AND WIDE-ANGLE COVERAGE DIRECTIONAL ANTENNA
Laird's 120° wide H-plane sectored antenna offers systems integrators an antenna for use with
sectorized base stations when wide-directional pattern characteristics are preferable to
omnidirectional pattern characteristics. Enclosed in an attractive UV-stable, weatherproof
radome housing, the antenna satisfies indoor aesthetic requirements yet remains rugged
enough to withstand outdoor exposures.
Depending on the required coverage area, one to three 120° sectored antennas can be
deployed at a base station site. While a single antenna can be wall- or pole-mounted to provide
directional coverage, the TM905BRK’s mechanical down-tilt mount also allows a customized
antenna pattern tilt. The design is electrically and mechanically robust, ensuring a lifetime of
stable, trouble-free service, as well as predictable, consistent performance.
The standard antenna comes with a 12 in low-loss coaxial pigtail and N-female connector.
Alternative coax cable lengths and connector types are also available.
ANT-DS-SR24011120D 1115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All
Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof.
Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
PARAMETER
SPECIFICATION
Frequency Range (GHz)
2.4-2.5
Gain (dBi)
11
VSWR
1.5:1
3 dB Beamwidth - E-Plane
13°
3 dB Beamwidth - H-Plane
120°
Polarization
Linear
RF Connector (f)
N
Power (watts)
25 watts
Dimensions
3 x 23 x 2 in
(7.6 x 58.4 x 5.1
mm)
Mount Style
Wall
Americas: +1.847 839.6925
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
Laird warrants to the original end user customer of its products that its products are free from defects in material and
workmanship. Subject to conditions and limitations Laird will, at its option, either repair or replace any part of its products
that prove defective by reason of improper workmanship or materials. This limited warranty is in force for the useful
lifetime of the original end product into which the Laird product is installed. Useful lifetime of the original end product may
vary but is not to exceed five (5) years from the original date of the end product purchase.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn