Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA35-25 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # DA35-25
Description  Type N female connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DA35-25 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  DA35-25 Datasheet HTML 1Page - Laird Tech Smart Technology DA35-25 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Technology
for a Connected World
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
3300-3600 Parabolic Dish antenna
The parabolic dish antenna systems offered by Laird Technologies are constructed of an aluminum alloy dish with powder coat
paint finish for excellent mechanical, electrical and environmental performance. The parabolic reflector is made with a special
one-step molding technology which achieves excellent consistency and long term stability. They come complete with universal
galvanized steel, powder coat paint mounting system for pole mount applications. Because of its’ superb electrical performance
and mechanical stability, the parabolic dish antenna can be used in a wide variety of high performance 3.5GHz wireless applications.
An optional fiberglass radome is available for added environmental protection and reduced wind loading.
FeatUres
• High gain: choice of 25dBi or 28dBi antenna
• Adjustable tilt pole mount
• Vertical or horizontal polarization
• Type N female connector
• DC grounded for lightning protection
• Rugged, lightweight, and waterproof
Parabolic Dish antenna
DA35
Parameter
Da35-25
Da35-28
Frequency range
3300-3600 MHz
3300-3600 MHz
Gain
25 dBi
28 dBi
VSWR
1.5:1
1.5:1
3dB beam angle
10°
7.5°
Cross pole
28 dB
30 dB
Front-to-back
32 dB
35 dB
Side lobe
-20 dB
-25 dB
Impedance
50 ohm
50 ohm
Input power
100W
100W
Pole diameter (OD)
1.5”- 3” (38-76mm)
1.5”- 3” (38-76mm)
Operating temperature
-40 - +70°C
-40 - +70°C
Rated wind velocity
125 mph (56 m/sec)
125 mph (56 m/sec)
Weight
11 lbs (5kg)
22 lbs (10kg)
Diameter
25.5 in (648 mm)
35.4 in (900 mm)
Markets
• 3.5 GHz wireless local loop
• Long distance backhaul data links
• Point-to-point data links
• Building-to-building high speed links
• Wimax backhaul
WinD loaDing
MODeL
100 MPH
125 MPH
DA35-25
113 lb
177 lb
DA35-25 with radome
75 lb
116 lb
DA35-28
256 lb
400 lb
DA35-28 with radome
111 lb
173 lb


Similar Part No. - DA35-25

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
DA3547 MARKTECH-DA3547 Datasheet
403Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547 Datasheet
403Kb / 5P
   LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
   LEDs
More results

Similar Description - DA35-25

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ODH24-13 LSTD-ODH24-13 Datasheet
792Kb / 1P
   Type N female integrated connector
SA24WB LSTD-SA24WB Datasheet
1Mb / 1P
   Type N female integrated connector
SAH35 LSTD-SAH35 Datasheet
1Mb / 1P
   Type N female integrated connector
SA49 LSTD-SA49 Datasheet
1Mb / 1P
   Type N female integrated connector
ODH24-9-WB LSTD-ODH24-9-WB Datasheet
801Kb / 1P
   Type N female integrated connector
SA58-WB LSTD-SA58-WB Datasheet
991Kb / 1P
   Type N female integrated connector
SA24 LSTD-SA24 Datasheet
875Kb / 1P
   Type N female integrated connector
OD58-12 LSTD-OD58-12 Datasheet
959Kb / 1P
   Type N female integrated bulkhead connector
OD24 LSTD-OD24 Datasheet
1Mb / 1P
   Type N female integrated bulkhead connector
OD24-7D5 LSTD-OD24-7D5 Datasheet
1Mb / 1P
   Type N female integrated bulkhead connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com