Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0757101006 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 0757101006
Description  GbX I-Trac Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX1 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0757101006 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
1.0A
Data Rate
12.0 Gbps
Shield Type
N/A
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-609
Product Specification
PS-75710-999-001, TS-75710-998-001
Sales Drawing
SD-75710-001
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn