Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0757101006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0757101006
Description  GbX I-Trac Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX1 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

0757101006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757101006
Status:
Active
Overview:
GbX I-Trac™ Backplane Connector System
Description:
GbX I-Trac™ Right-Angle Daughtercard Module, 1.85mm by 3.70mm Pitch, Unguided,
11 Rows, 6 Columns, 132 Circuits
Documents:
3D Model
Product Specification TS-75710-998-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-609 (PDF)
Product Specification PS-75710-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
75710
Application
Coplanar, Daughtercard
Component Type
PCB Receptacle
Overview
GbX I-Trac™ Backplane Connector System
Product Name
GbX I-Trac™
UPC
822350316835
Physical
Circuits (Loaded)
132
Circuits (maximum)
132
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
16.236/g
Number of Columns
6
Number of Pairs
Open Pin Field
Number of Rows
11
Orientation
Right Angle
PC Tail Length
2.00mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
1.85mm, 3.70mm
Pitch - Termination Interface
1.00mm, 2.70mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +80°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
75710 Series
Mates With
75705 GbX I-Trac™ Vertical Header
Module. 75910 GbX I-Trac™ Right Angle
Header Module
Use With
78234 GbX I-Trac™ Right Angle Power
Header. 76153 Pirate Cannon Wide Guide
Module


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn