Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC182L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BC182L
Description  NPN General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC182L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BC182L Datasheet HTML 1Page - Fairchild Semiconductor BC182L Datasheet HTML 2Page - Fairchild Semiconductor BC182L Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, October 2002
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Thermal Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
- Continuous
100
mA
TJ, TSTG
Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 2mA, IB = 0
50
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10µA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100µA, IC = 0
6
V
ICBO
Collector Cut-off Current
VCB = 50V, VBE = 0
15
nA
IEBO
Emitter-Base Leakage Current
VEB = 4V, IE = 0
15
nA
On Characteristics
hFE
DC Current Gain
VCE = 5V, IC = 10µA
VCE = 5V, IC = 2mA
VCE = 5V, IC = 100mA
40
120
80
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5mA
0.25
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 100mA, IB = 5mA
1.2
V
VBE(on)
Base-Emitter On Voltage
VCE = 5V, IC = 2mA
0.55
0.7
V
Dynamic Characteristics
fT
Current Gain Bandwidth Product
VCE = 5V, IC = 10mA, f = 100MHz
150
MHz
Cob
Output Capacitance
VCE = 10V, IC = 0, f = 1MHz
5
pF
hfe
Small Signal Current Gain
VCE = 5V, IC = 2mA, f = 1KHz
240
500
NF
Noise Figure
VCE = 5V, IC = 0.2mA
RS = 2KΩ, f = 1KHz, BW = 200Hz
10
dB
Symbol
Parameter
Max.
Units
PD
Total Device Dissipation @TA=25°C
Derate above 25
°C
350
2.8
mW
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
357
mW/
°C
RθJC
Thermal Resistance, Junction to Case
125
°C/W
BC182L
NPN General Purpose Amplifier
• This device is designed for general purpose amplifier application at
collector currents to 100mA.
• Sourced from process 10.
1. Emitter 2. Collector 3. Base
TO-92
1


Similar Part No. - BC182L

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC182L MICRO-ELECTRONICS-BC182L Datasheet
62Kb / 1P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
BC182L ETC2-BC182L Datasheet
250Kb / 4P
   General Purpose Transistors
logo
New Jersey Semi-Conduct...
BC182L NJSEMI-BC182L Datasheet
71Kb / 2P
   NPN General Purpose Amplifier
logo
List of Unclassifed Man...
BC182L ETC2-BC182L Datasheet
2Mb / 31P
   SEMICONDUCTORS
BC182L ETC-BC182L Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
More results

Similar Description - BC182L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com