Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3B16210V Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B16210V
Description  3.3V, 20-Bit, 2-Port NanoSwitch?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16210V Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B16210V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16210V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16210V Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS8193B
11/09/98
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Truth Table(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Hi-Z = High Impedance
Pin Name
Description
1OE, 2OE
Bus Enable Inputs (Active LOW)
1A1-1A10, 2A1-2A10
Bus A
1B1 - 1B10, 2B1 - 2B10
Bus B
Product Pin Description
Product Pin Configuration
Product Features
• Near-zero propagation delay
•5
Ω or 25Ω switches connect inputs to outputs
• Fair Switching Speed - 4.5ns max.
• 32X384 function with flow through pinout make board
layout easier
• Permits Hot Insertion.
• Vcc Operating Range: 3.0V to 3.6V
• Industrial operating temperature: –40°C to +85°C
• Packages available:
– 48-pin 150-mil wide plastic QSOP (B)
– 48-pin 240-mil wide plastic TSSOP (A)
– 48-pin 300-mil wide plastic SSOP (V)
Product Description
Pericom Semiconductor’s PI3B series of BusSwitch circuits are
produced in the Company’s advanced 0.35 micron CMOS
technology, achieving industry leading speed.
The PI3B16210 is configured as 3.3 volt 20-bit, 2-port bus
switches designed with a low ON resistance (5
Ω) allowing inputs
to be connected directly to outputs. The bus switch creates no
additional propagational delay or additional ground bounce noise.
The switches are turned ON by the Bus Enable (xOE) input signal.
The PI3B162210 device has a built-in 25-ohm series resistor to
reduce noise resulting from reflections, thus eliminating the need
for an external terminating resistor.
1OE
1A10
1A1
1B10
1B1
2OE
2A10
2A1
2B10
2B1
s
t
u
p
n
Is
t
u
p
t
u
O
/
s
t
u
p
n
I
E
O
1E
O
2B
1
,
A
1B
2
,
A
2
LL
B
1
=
A
1B
2
=
A
2
LH
B
1
=
A
1Z
HL
Z
B
2
=
A
2
HH
Z
Z
PI3B16210
PI3B162210 (25
Ω)
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
48-Pin


Similar Part No. - PI3B16210V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
More results

Similar Description - PI3B16210V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
   3.3V, 20-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com