Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-7558 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 408-7558
Description  This specification covers the requirements for application of CHAMP Cable Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-7558 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  408-7558 Datasheet HTML 1Page - TE Connectivity Ltd 408-7558 Datasheet HTML 2Page - TE Connectivity Ltd 408-7558 Datasheet HTML 3Page - TE Connectivity Ltd 408-7558 Datasheet HTML 4Page - TE Connectivity Ltd 408-7558 Datasheet HTML 5Page - TE Connectivity Ltd 408-7558 Datasheet HTML 6Page - TE Connectivity Ltd 408-7558 Datasheet HTML 7Page - TE Connectivity Ltd 408-7558 Datasheet HTML 8Page - TE Connectivity Ltd 408-7558 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
114- 6041
Rev B
4
of 10
Figure 4
Distance
2
Section A--A
BB
A
A
Section B--B
Strain--Relief
Slots
Barrier Pad
Contact Slot
Window Height
3
Wire Must Be Below
Transition Of Lead--In
To Contact Slot
---
Y---
Terminal perpendicularity of 0.30 mm [.012 in.] to Datum --Y--.
1
Maximum distance after conductor termination is 3.30 mm [.130 in.].
2
Maximum marking of surface 0.25 mm [.010 in.] from noted edge, typical.
3
0.30 [.012]
Y
Large Wire Contact Terminating Inspection
-- Notes on Customer Manual 409--5411 apply
-- Additional allowances are:
D. Wire Exposure
Insulated conductor must extend 0.89 mm [.035 in.] below contact slot.
E. Insulation Range
Insulation range for standard cable connectors should be 1.14 mm [.045 in.] maximum diameter for tools
that mass terminate conductors on one side at a time. For tools that insert one conductor per side at a
time, 1.09 mm [.043 in.] insulation diameter is the maximum. Insulation range for F slot contacts is
1.42 mm [.056 in.] maximum diameter.
F. Workmanship
Minor nicks and scrapes or saddling of the metal bridge are acceptable provided the two slots remain
parallel to each other and perpendicular to the housing. Minor plastic shaving and rolling over of barrier
pads are acceptable provided that contacts are not damaged. Shaving of barrier pads is acceptable up to
0.15 mm [.006 in.] maximum in direction of connector length. Nicks in the insulation above the connector
should not exceed one half of insulation wall thickness.


Similar Part No. - 408-7558

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-7516 TEC-408-7516 Datasheet
235Kb / 17P
   Application Tooling for Screw-Machine Contacts
408-7563 TEC-408-7563 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 408-7558

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com