Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM8512 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM8512
Description  Precision, JFET Input Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM8512 Datasheet(HTML) 2 Page - New Japan Radio

  NJM8512 Datasheet HTML 1Page - New Japan Radio NJM8512 Datasheet HTML 2Page - New Japan Radio NJM8512 Datasheet HTML 3Page - New Japan Radio NJM8512 Datasheet HTML 4Page - New Japan Radio NJM8512 Datasheet HTML 5Page - New Japan Radio NJM8512 Datasheet HTML 6Page - New Japan Radio NJM8512 Datasheet HTML 7Page - New Japan Radio NJM8512 Datasheet HTML 8Page - New Japan Radio NJM8512 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NJM8512/NJM8513
- 2 -
Ver.04
■ ABSOLUTE MAXIMUM RATINGS (Ta=25ºC, unless otherwise noted.)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+/V-
±18
V
Differential Input Voltage
VID
±36
(Note1)
V
Input Voltage
VIN
V
-- 0.3 to V++ 0.3(Note2)
V
Input Current
IIN
±10(Note3)
mA
Power Dissipation
PD
(2-layer / 4-layer )
mW
MSOP8 (VSP8)
SOP8
SSOP14
595(Note4) / 805 (Note4)
690 (Note4) / 1000 (Note4)
490 (Note4) / 630 (Note4)
Output Short-Circuit Duration
Infinete(Ta≦25℃) (Note4)
Operating Temperature Range
Topr
-40 to +125
ºC
Junction Temperature
Tjmax
+150
ºC
Storage Temperature Range
Tstg
-65 to +150
ºC
(Note1) Differential Input Voltage is the voltage difference between +INPUT and -INPUT.
(Note2) The normal operation will establish when any input is within the Common Mode Input Voltage Range of electrical characteristics.
(Note3) If the input voltage exceeds the supply voltage,the input current must be limited 10 mA or less by using a restriction resistance.
(Note4) 2-layer : EIA/JEDEC STANDARD Test board (76.2 x 114.3 x 1.6mm, 2layers, FR-4) mounting.
4-layer : EIA/JEDEC STANDARD Test board (76.2 x 114.3 x 1.6mm, 4layers, FR-4) mounting.
See Figure
“Fig.1-1 : Power Dissipation Curve” when ambient temperature is over 25°C.
■RECOMMENDED OPERATING VOLTAGE (Ta=25ºC)
PARAMETER
SYMBOL
RATING
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V
+/V-
±4.5
-
±16
V
Figure1-A: Power Dissipation Derating Curve
Figure1-B: Power Dissipation Derating Curve


Similar Part No. - NJM8512

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8512AR NJRC-NJM8512AR Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8512BR NJRC-NJM8512BR Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
More results

Similar Description - NJM8512

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215 Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
November 2004
logo
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
   Precision, Dual, JFET Input Operational Amplifier
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com