Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59K23C-40MA5_D Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59K23C-40MA5_D
Description  FAKRA-HF RIGHT ANGLE JACK PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59K23C-40MA5_D Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59K23C-40MA5_D Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K23C-40MA5_D Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K23C-40MA5_D Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
FAKRA-
HF
RIGHT ANGLE JACK PCB
59K23C-40MA5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
DIN 72594-1
Documents
Assembly instruction
MA_59V091
PCB layout
MB_297
Material and plating
Center contact
Spring bronze
AuroDur®, gold plated
Center contact alt.
Beryllium copper AuroDur®, gold plated
Outer contact
Spring bronze
Nickel, 2.5-5 µm
Body
Brass
Tin, 6-8 µm
Dielectric
PTFE
Housing
PA


Similar Part No. - 59K23C-40MA5_D

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K204-301L5 ROSENBERGER-59K204-301L5 Datasheet
39Kb / 2P
   SMB RIGHT ANGLE JACK
59K214-271L5 ROSENBERGER-59K214-271L5 Datasheet
56Kb / 2P
   SMB RIGHT ANGLE JACK
59K214-302L5 ROSENBERGER-59K214-302L5 Datasheet
45Kb / 2P
   SMB RIGHT ANGLE JACK
59K214-303L5 ROSENBERGER-59K214-303L5 Datasheet
72Kb / 2P
   SMB RIGHT ANGLE JACK
59K25H-102A4 ROSENBERGER-59K25H-102A4 Datasheet
113Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
More results

Similar Description - 59K23C-40MA5_D

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K28H-102A4 ROSENBERGER-59K28H-102A4 Datasheet
574Kb / 3P
   FAKRA-HF RIGHT ANGLE JACK
59K28H-1M4A4 ROSENBERGER-59K28H-1M4A4 Datasheet
947Kb / 3P
   FAKRA - HF RIGHT ANGLE JACK
59K25H-1E4A4 ROSENBERGER-59K25H-1E4A4 Datasheet
87Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59K25H-102A4 ROSENBERGER-59K25H-102A4 Datasheet
113Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59K25H-1M4A4 ROSENBERGER-59K25H-1M4A4 Datasheet
63Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59K25H-106A4 ROSENBERGER-59K25H-106A4 Datasheet
71Kb / 2P
   FAKRA - HF RIGHT ANGLE JACK 360
59S2AA-400A5-Y ROSENBERGER-59S2AA-400A5-Y Datasheet
352Kb / 3P
   FAKRA - HF RIGHT ANGLE PLUG FOR PCB
59S20Z-40MT5-Y ROSENBERGER-59S20Z-40MT5-Y Datasheet
303Kb / 2P
   FAKRA - HF Right Angle Plug
59K13O-1E7A4 ROSENBERGER-59K13O-1E7A4 Datasheet
105Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-1E4T4 ROSENBERGER-59K16B-1E4T4 Datasheet
156Kb / 3P
   FAKRA - HF STRAIGHT JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com