Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59K17H-109A4-Y Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59K17H-109A4-Y
Description  FAKRA - HF STRAIGHT JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59K17H-109A4-Y Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59K17H-109A4-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K17H-109A4-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
FAKRA - HF STRAIGHT JACK
59K17H-109A4-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Y = Part number has to be accomplished by codification
Interface
According to
DIN 72594-1, USCAR 17
Documents
Assembly instruction
MA_59V056
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Gold, min. 0.8 µm, over chemical nickel
Outer contact
Brass
Nickel, 3-6 µm
Dielectric
PA 12
Crimping ferrule
Copper
Nickel, 2.5-5 µm
Lock washer
Steel
Housing
PBT


Similar Part No. - 59K17H-109A4-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K17F-102A4 ROSENBERGER-59K17F-102A4 Datasheet
74Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K17F-1D6A4 ROSENBERGER-59K17F-1D6A4 Datasheet
92Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K17F-1D8A4 ROSENBERGER-59K17F-1D8A4 Datasheet
54Kb / 2P
   FAKRA - HF STRAIGHT JACK
More results

Similar Description - 59K17H-109A4-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K13O-1E7A4 ROSENBERGER-59K13O-1E7A4 Datasheet
105Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-1E4T4 ROSENBERGER-59K16B-1E4T4 Datasheet
156Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K17F-1D6A4 ROSENBERGER-59K17F-1D6A4 Datasheet
92Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K17F-1D8A4 ROSENBERGER-59K17F-1D8A4 Datasheet
54Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-1M4T4 ROSENBERGER-59K16B-1M4T4 Datasheet
578Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K16B-106T4 ROSENBERGER-59K16B-106T4 Datasheet
103Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K13O-106A4 ROSENBERGER-59K13O-106A4 Datasheet
603Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K13O-102A4 ROSENBERGER-59K13O-102A4 Datasheet
592Kb / 3P
   FAKRA - HF STRAIGHT JACK
59K17F-102A4 ROSENBERGER-59K17F-102A4 Datasheet
74Kb / 2P
   FAKRA - HF STRAIGHT JACK
59K28H-102A4 ROSENBERGER-59K28H-102A4 Datasheet
574Kb / 3P
   FAKRA-HF RIGHT ANGLE JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com